Electronic Components Datasheet Search
  English  ▼

X  

HFS29 Datasheet(PDF) 8 Page - Hongfa Technology

Part # HFS29
Description  IGBT MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS29 Datasheet(HTML) 8 Page - Hongfa Technology

  HFS29 Datasheet HTML 1Page - Hongfa Technology HFS29 Datasheet HTML 2Page - Hongfa Technology HFS29 Datasheet HTML 3Page - Hongfa Technology HFS29 Datasheet HTML 4Page - Hongfa Technology HFS29 Datasheet HTML 5Page - Hongfa Technology HFS29 Datasheet HTML 6Page - Hongfa Technology HFS29 Datasheet HTML 7Page - Hongfa Technology HFS29 Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
93
Ddn^g\dh`m
Tcdn _\o\nc``o dn ajm oc` ^pnojh`mn* m`a`m`i^`1 Agg oc` nk`^dad^\odjin \m` np]e`^o oj ^c\ib` rdocjpo ijod^`1
W` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mtkjnnd]g` \kkgd^\odji1 Tcpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj ^cjjn`
oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji1 Ia oc`m` dn \itlp`mt/ kg`\n` ^jio\^o Hjiba\ ajm oc` o`^cid^\g n`mqd^`1 Hjr`q`m/ do dn oc` pn`m*n m`nkjind]dgdot
oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt1
w Xd\h`i Hjiba\ Eg`^omj\^jpnod^ Cj1/ Lo_1 Agg mdbcon ja Hjiba\ \m` m`n`mq`_1
9>7E79G;E?FG?9 9HEI;F
VCEZV[
933
833
733
633
533
433
3
3
46
5
7
58
458
VGE@48V
<33
933
833
633
533
433
3
VGEZV[
357
9
;
43
45
47
733
:33
VCE@53V
58
458
;33
RGZjch[
453
433
;3
93
73
53
3
343
53
63
73
83
473
TJ@458
VGE@x48V
IC@633A
VCC@933V
L@93iH
Eji
Ejaa
53
48
43
8
3
3
317
31;
415
VCC@933V
VCC@;33V
TJ@58
IC@633A
419
513
51;
517
QGZC[
T^Z [
Cjgg`^ojm0`hdoo`m qjgo\b`,VCE- VS ^jgg`^ojm ^pmm`io,I^-
Ttk1 om\ina`m ^c\m\^o`mdnod^
Ttk1 opmi jaa `i`mbt \i_ nrdo^cdib odh`n q`mnpn b\o` m`ndnojm
G\o` ^c\mb` ^pmq`
C\n` o`hk`m\opm`,T^-VS ^jgg`^ojm ^pmm`io,I^-
633
5:3
573
543
4;3
483
453
<3
93
63
3 43 53 63 73 83 93 :3 ;3 <3 433 443 453 463 473 483
VGE@48V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com