Electronic Components Datasheet Search
  English  ▼

X  

FM32L276 Datasheet(PDF) 19 Page - Ramtron International Corporation

Part # FM32L276
Description  3V Integrated Processor Companion with Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32L276 Datasheet(HTML) 19 Page - Ramtron International Corporation

Back Button FM32L276 Datasheet HTML 13Page - Ramtron International Corporation FM32L276 Datasheet HTML 14Page - Ramtron International Corporation FM32L276 Datasheet HTML 15Page - Ramtron International Corporation FM32L276 Datasheet HTML 16Page - Ramtron International Corporation FM32L276 Datasheet HTML 17Page - Ramtron International Corporation FM32L276 Datasheet HTML 18Page - Ramtron International Corporation FM32L276 Datasheet HTML 19Page - Ramtron International Corporation FM32L276 Datasheet HTML 20Page - Ramtron International Corporation FM32L276 Datasheet HTML 21Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
FM32L278/L276/L274/L272 - 3V I2C Companion
Rev. 3.0
Feb. 2009
Page 19 of 21
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write
cycles. Clock specifications are identical for read and write cycles.
Write timing parameters apply to slave address, word address, and
write data bits. Functional relationships are illustrated in the relevant
data sheet sections. These diagrams illustrate the timing parameters
only.
Read Bus Timing
t
SU:STA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
3.6V
Output
1066
Ω
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com