Electronic Components Datasheet Search
  English  ▼

X  

FM32L272 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM32L272
Description  3V Integrated Processor Companion with Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32L272 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM32L272 Datasheet HTML 1Page - Ramtron International Corporation FM32L272 Datasheet HTML 2Page - Ramtron International Corporation FM32L272 Datasheet HTML 3Page - Ramtron International Corporation FM32L272 Datasheet HTML 4Page - Ramtron International Corporation FM32L272 Datasheet HTML 5Page - Ramtron International Corporation FM32L272 Datasheet HTML 6Page - Ramtron International Corporation FM32L272 Datasheet HTML 7Page - Ramtron International Corporation FM32L272 Datasheet HTML 8Page - Ramtron International Corporation FM32L272 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
FM32L278/L276/L274/L272 - 3V I2C Companion
Rev. 3.0
Feb. 2009
Page 3 of 21
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
A0, A1
Input
Device select inputs are used to address multiple memories on a serial bus. To select the
device the address value on the two pins must match the corresponding bits contained in
the device address. The device select pins are pulled down internally.
CNT1,
CNT2
Input
Event Counter Inputs: These battery-backed inputs increment counters when an edge is
detected on the corresponding CNT pin. The polarity is programmable. These pins
should not be left floating. Tie to ground if pins are not used.
PFO
Output
Power Fail Output: This is the early power-fail output.
/RST
I/O
Active low reset output with weak pull-up. Also input for manual reset.
SDA
I/O
Serial Data & Address: This is a bi-directional line for the two-wire interface. It is open-
drain and is intended to be wire-OR’d with other devices on the two-wire bus. The input
buffer incorporates a Schmitt trigger for noise immunity and the output driver includes
slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock line for the two-wire interface. Data is clocked out of the
part on the falling edge, and in on the rising edge. The SCL input also incorporates a
Schmitt trigger input for noise immunity.
PFI
Input
Early Power-fail Input: Typically connected to an unregulated power supply to detect an
early power failure. This pin should not be left floating.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If no backup supply is
used, this pin should be tied to ground and the VBC bit should be cleared. The trickle
charger is UL recognized and ensures no excessive current when using a lithium battery.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
FRAM
Array
2-Wire
Interface
SCL
SDA
RST
A1, A0
VDD
VBAK
2.5V
-
+
Special
Function
Registers
S/N
LockOut
LockOut
Watchdog
LV Detect
Switched Power
Battery Backed
Nonvolatile
Event
Counters
CNT1
CNT2
PFI
+
-
1.2V
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com