Electronic Components Datasheet Search
  English  ▼

X  

OV3640 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV3640
Description  1/4-inch, high-performance 3 Megapixel CameraChip sensor with image stabilization and MIPI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV3640 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV3640 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV3640 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The OV3640 is a feature-rich, high-performance
3.1 Megapixel CMOS CameraChip™ sensor in a
1/4 inch optical format. It is based on OmniVision's
new 1.75μm OmniPixel3™ architecture with ultra low
stack height (ULSH) for excellent low light sensitivity
(500mV/lux-sec) and significantly improved noise and
dynamic range (65dB).
The highly integrated OV3640 incorporates an
extremely advanced Image Signal Processor (ISP)
with new features such as an advanced image
stabilization/anti-shake (AS) engine that requires no
external components. An embedded microcontroller
supports the internal auto focus (AF) engine and the
programmable general purpose I/O modules enable
external auto focus control.
available in
a lead-free
package
OV3640 3.1Megapixel
1/4-inch, high-performance 3 Megapixel CameraChip™
sensor with image stabilization and MIPI
product brief
The OV3640's image array operates at up to 15 frames per
second (fps) in full 3-megapixel resolution (QXGA)
transferred over a two lane MIPI interface or a traditional
digital video port (DVP). The sensor also contains an
integrated compression engine (JPEG), simplifying bandwidth
limited interfaces.
The fully integrated and feature-rich OV3640 is small enough
to fit standard 8 x 8 mm fixed focus sockets as well as
8.5 x 8.5mm AF sockets, making it ideal for drop-in upgrades
of existing camera modules used in existing lower mega-pixel
camera phone designs.
The OV3640's ISP can also be used by an external secondary
camera via its DVP while providing continued output through
the MIPI interface for the primary camera.
For identification purposes, the OV3640 also includes a
one time programmable (OTP) memory. All required image
processing functions are programmable through the SCCB
interface or the integrated micro-controller.


Similar Part No. - OV3640

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV3642 OMNIVISION-OV3642 Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor with embedded TrueFocus technology
OV3647 OMNIVISION-OV3647 Datasheet
165Kb / 2P
high-performance 1/4-inch, 3 megapixel CameraChip sensor with MDDI high speed serial and parallel interfaces
More results

Similar Description - OV3640

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
OmniVision Technologies...
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
1/4-inch, high-performance 3 Megapixel CameraChip sensor
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV03650-A65A OMNIVISION-OV03650-A65A Datasheet
5Mb / 2P
low-voltage, high-performance 1/4-inch, 3 megapixel color sensor
OV2655 OMNIVISION-OV2655 Datasheet
239Kb / 2P
high sensitivity 1/5-inch 2 megapixel CameraChip sensor
OV3642 OMNIVISION-OV3642 Datasheet
202Kb / 2P
1/4-inch, 3 megapixel CameraChip sensor with embedded TrueFocus technology
OV3647 OMNIVISION-OV3647 Datasheet
165Kb / 2P
high-performance 1/4-inch, 3 megapixel CameraChip sensor with MDDI high speed serial and parallel interfaces
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
High-Performance 16-Megapixel Image Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com