Electronic Components Datasheet Search
  English  ▼

X  

3VAC9CW3 Datasheet(PDF) 3 Page - HB Electronic Components

Part # 3VAC9CW3
Description  High radiometric power per LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

3VAC9CW3 Datasheet(HTML) 3 Page - HB Electronic Components

  3VAC9CW3 Datasheet HTML 1Page - HB Electronic Components 3VAC9CW3 Datasheet HTML 2Page - HB Electronic Components 3VAC9CW3 Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPECIFICATION
Page 3 of 3
Part No.:
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
400
mA
Peak Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
800
mA
Power Dissipation
Pd
----
----
3.5
W
LED Junction Temperature
Tj
----
----
120
℃
Operating Temperature
Topr
----
-25
+80
℃
Storage
Temperature
Tstr
----
-40
+100
℃
ESD Sensitivity
----
HBM
8000
----
V
Soldering Temperature
----
----
220℃ for 5 Seconds max
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
9.0
9.2
10
V
Luminous Flux
Φv
----
180
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 320mA
----
----
3600
K
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
Q
R
S
T
Min
140
160
180
200
Max
160
180
200
240
CCT Bins(Ta = 25℃)
Unit: K
Bin
W0
W1
W2
Min
----
3000
3300
Max
3000
3300
3600
Note
1. Flux is measured with an accuracy of ±15%
2. CCT is measured with an accuracy of ± 200K
3. Forward Voltage is measured with an accuracy of ± 0.15V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com