Electronic Components Datasheet Search
  English  ▼

X  

05W580BBC Datasheet(PDF) 2 Page - HB Electronic Components

Part # 05W580BBC
Description  High bright output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

05W580BBC Datasheet(HTML) 2 Page - HB Electronic Components

  05W580BBC Datasheet HTML 1Page - HB Electronic Components 05W580BBC Datasheet HTML 2Page - HB Electronic Components 05W580BBC Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hebei I.T. (Shanghai) Co.,Ltd.
Http
://www.hebeiltd.com.cn
LED SPECIFICATION
Page: 4 of 4
Part No.
:
:
:
:
05W580BBC
Absolute maximum ratings
(
(
(
(
Ta = 25
℃
℃
℃
℃)
)
)
)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30
μ
A
5
--
V
Forward Current
IF
----
----
100
mA
Power Dissipation
Pd
----
----
0.5
W
Pulse Current
Ipeak
Duty=0.1mS
,
1kHz
----
200
mA
Operating Temperature
Topr
----
-20
+85
℃
Storage
Temperature
Tstr
----
-25
+100
℃
Electrical and optical characteristics
(
(
(
(
Ta = 25
℃
℃
℃
℃)
)
)
)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 100mA
3.4
----
4
V
Reverse Current
IR
VR = 5V
----
----
30
μ
A
Luminous Flux
Φ
v
IF = 100mA
2.8
----
4.7
lm
Color Temperature
CCT
IF = 100mA
----
----
----
K
Viewing Angle
2
θ
1/2
IF = 100mA
----
85
----
Deg.
Luminous Flux Bins
(
(
(
(
Ta = 25
℃
℃
℃
℃)
)
)
)
Unit:lm
Bin
F
G
H
J
K
L
Min
1.3
1.7
2.2
2.8
3.6
4.7
Max
1.7
2.2
2.8
3.6
4.7
6.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com