Electronic Components Datasheet Search
  English  ▼

X  

RF-397 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-397
Description  VEHICULAR UHF ANTENNA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-397 Datasheet(HTML) 2 Page - Harris Corporation

  RF-397 Datasheet HTML 1Page - Harris Corporation RF-397 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications for the RF-397
General
I
Frequency Range: 225 to 420 MHz
I
Polarization: Vertical
I
Impedance: 50 ohms (nominal)
I
VSWR: Less than3.0:1
I
Gain: +2 dBi, nominal
I
Power Rating: 60 watts
I
Matching Circuit: Passive, Broadband
I
Radiation Pattern: Omnidirectional
I
Salt Spray: Salt spray resistant
Features
I
Standard NATO bolt pattern
I
Instantaneous Bandwidth for ECCM waveforms
I
Feed Thru base with spring
I
Center-fed to minimize ground plane dependence
Mechanical
I
Height: 33.5 in. (0.86 m)
I
Weight: 6 lbs (2.7 kg)
I
RF Connection: Type-N Female
I
Bolt Hole Pattern: Four 0.437 in. holes equally spaced
on a 4.5 in. bolt-hole circle
Construction
I
Color: MIL-STD-383, Military Green
I
Radome: G-10 Fiberglass
I
Spring: Stainless Steel
I
Insulator: Polycarbonate
Specifications are subject to change without notice.
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
Copyright © 2005 Harris Corporation 8/05 DS-337
®
assuredcommunications™



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com