Electronic Components Datasheet Search
  English  ▼

X  

CPC1718J Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1718J
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1718J Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1718J Datasheet HTML 1Page - Clare, Inc. CPC1718J Datasheet HTML 2Page - Clare, Inc. CPC1718J Datasheet HTML 3Page - Clare, Inc. CPC1718J Datasheet HTML 4Page - Clare, Inc. CPC1718J Datasheet HTML 5Page - Clare, Inc. CPC1718J Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1718-R02
1
CPC1718
ISOPLUS™-264 DC Power Relay
e3
RoHS
2002/95/EC
Part Number
Description
CPC1718J
ISOPLUS-264 (25 per tube)
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
With 5ºC/W Heat Sink
17.5
A
DC
No Heat Sink
6.75
On-resistance
0.075
Ω
RθJC
0.3
ºC/W
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
• 100% Solid State
• Compact ISOPLUS-264 Power Package
• Low Thermal Resistance (0.3°C/W)
• 17.5A
DC Load Current with 5ºC/W Heat Sink
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of High Power Solid State Relays. As part of
this new family, the CPC1718 single-pole, normally
open (1-Form-A) DC Solid State Relay employs
optically coupled MOSFET technology to provide
2500V
rms of input to output isolation.
The output is constructed with an efficient MOSFET
switch and photovoltaic die that uses Clare’s patented
OptoMOS architecture while the input GaAlAs
infrared LED provides the optically coupled control.
The combination of low on-resistance and high load
current handling capability makes this relay suitable
for a variety of high performance DC switching
applications.
The unique ISOPLUS-264 package pioneered by
IXYS allows solid state relays to achieve the highest
load current and power ratings. This package features
an IXYS unique process where the silicon chips are
soft soldered onto the Direct Copper Bond (DCB)
substrate instead of the usual copper leadframe. The
DCB ceramic, the same substrate used in high power
modules, not only provides 2500V
rms isolation but also
very low thermal resistance (0.3°C/W).
Switching Characteristics of Normally
Open (Form A) Devices
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+
Approvals
• UL 508 Recognized Component: File # E69938
12
3
4
+-
-
+


Similar Part No. - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1718J CLARE-CPC1718J Datasheet
903Kb / 7P
ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1718J IXYS-CPC1718J Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1718J IXYS-CPC1718J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1709 CLARE-CPC1709 Datasheet
120Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
ISOPLUS??264 Power Relay
CPC1727 CLARE-CPC1727 Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779 Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788 Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709_10 Datasheet
899Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1718 CLARE-CPC1718_10 Datasheet
903Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727_10 Datasheet
871Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779_10 Datasheet
890Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
ISOPLUS??264 DC Power Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com