Electronic Components Datasheet Search
  English  ▼

X  

CPC1726Y Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1726Y
Description  DC Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1726Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1726Y Datasheet HTML 1Page - Clare, Inc. CPC1726Y Datasheet HTML 2Page - Clare, Inc. CPC1726Y Datasheet HTML 3Page - Clare, Inc. CPC1726Y Datasheet HTML 4Page - Clare, Inc. CPC1726Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1726-R01
1
RoHS
2002/95/EC
e3
Pb
CPC1726
DC Power SIP Relay
Part #
Description
CPC1726Y
Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
1
A
DC
On-Resistance
0.75
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• Power SIP Package
• Handle Load Currents Up to 1A
DC
• High Reliability
• No Moving Parts
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power solid state relays. As part of
that family, the CPC1726 is a 1-Form-A solid state
relay. The CPC1726 employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture while the highly efficient GaAlAs
infrared LED provides the optically coupled control.
The combination of low on resistance and high
load current handling capabilities makes the relay
suitable for a variety of high performance switching
applications.
CPC1726 Pinout
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
• UL recognized component: File # E69938
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+


Similar Part No. - CPC1726Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1726Y CLARE-CPC1726Y Datasheet
117Kb / 6P
DC Power SIP Relay
logo
IXYS Corporation
CPC1726Y IXYS-CPC1726Y Datasheet
115Kb / 6P
Low Drive Power Requirements
logo
Littelfuse
CPC1726Y LITTELFUSE-CPC1726Y Datasheet
176Kb / 6P
250V, 1ADC Single-Pole Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1726Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
457Kb / 5P
Power SIP Relay
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
Power SIP Relay
CPC1973Y CLARE-CPC1973Y Datasheet
457Kb / 5P
Power SIP Relay
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
Power SIP Relay
CPC1706 CLARE-CPC1706 Datasheet
124Kb / 6P
4-Pin OptoMOS짰 DC Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
DC Power SIP Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com