Electronic Components Datasheet Search
  English  ▼

X  

MBR150 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR150
Description  Axial Lead Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR150 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR150 Datasheet HTML 1Page - Motorola, Inc MBR150 Datasheet HTML 2Page - Motorola, Inc MBR150 Datasheet HTML 3Page - Motorola, Inc MBR150 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
Axial Lead Rectifiers
. . . employing the Schottky Barrier principle in a large area metal–to–silicon
power diode. State–of–the–art geometry features epitaxial construction with
oxide passivation and metal overlap contact. Ideally suited for use as rectifiers
in low–voltage, high–frequency inverters, free wheeling diodes, and polarity
protection diodes.
• Low Reverse Current
• Low Stored Charge, Majority Carrier Conduction
• Low Power Loss/High Efficiency
• Highly Stable Oxide Passivated Junction
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 220°C
Max. for 10 Seconds, 1/16
″ from case
• Shipped in plastic bags, 1000 per bag
• Available Tape and Reeled, 5000 per reel, by adding a “RL’’ suffix to the
part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: B150, B160
MAXIMUM RATINGS
Rating
Symbol
MBR150
MBR160
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
60
Volts
RMS Reverse Voltage
VR(RMS)
35
42
Volts
Average Rectified Forward Current (2)
(VR(equiv) v 0.2 VR(dc), TL = 90°C, R
θJA = 80°C/W, P.C. Board Mounting,
see Note 3, TA = 55°C)
IO
1
Amp
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz, TL = 70°C)
IFSM
25 (for one cycle)
Amps
Operating and Storage Junction Temperature Range (Reverse Voltage applied)
TJ, Tstg
*65 to +150
°C
Peak Operating Junction Temperature (Forward Current applied)
TJ(pk)
150
°C
THERMAL CHARACTERISTICS (Notes 3 and 4)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
80
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (2)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (1)
(iF = 0.1 A)
(iF = 1 A)
(iF = 3 A)
vF
0.550
0.750
1.000
Volt
Maximum Instantaneous Reverse Current @ Rated dc Voltage (1)
(TL = 25°C)
(TL = 100°C)
iR
0.5
5
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
(2) Lead Temperature reference is cathode lead 1/32
″ from case.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBR150/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBR150
MBR160
SCHOTTKY BARRIER
RECTIFIERS
1 AMPERE
50, 60 VOLTS
CASE 59–04
PLASTIC
MBR160 is a
Motorola Preferred Device
Rev 1


Similar Part No. - MBR150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
logo
SynSemi, Inc.
MBR150 SYNSEMI-MBR150 Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR150 PANJIT-MBR150 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
More results

Similar Description - MBR150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
Axial Lead Rectifiers
July, 2006 ??Rev. 10
1N5820 ONSEMI-1N5820 Datasheet
97Kb / 8P
Axial Lead Rectifiers
June, 2006 ??Rev. 9
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
Axial Lead Schottky Rectifiers
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
AXIAL LEAD RECTIFIERS
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
Axial Lead Schottky Rectifiers
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com