Electronic Components Datasheet Search
  English  ▼

X  

CPC1779 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1779
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1779 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1779 Datasheet HTML 1Page - Clare, Inc. CPC1779 Datasheet HTML 2Page - Clare, Inc. CPC1779 Datasheet HTML 3Page - Clare, Inc. CPC1779 Datasheet HTML 4Page - Clare, Inc. CPC1779 Datasheet HTML 5Page - Clare, Inc. CPC1779 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1779
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
0.28
0.29
0.30
0.31
0.32
0.33
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1ADC, IF=10mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
4.75
5.50
6.25
7.75
7.00
8.50
Turn-On (ms)
Typical Turn-On Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
0.14
0.16
0.18
0.13
0.15
0.17
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=1ADC, IF=20mA)
Temperature (ºC)
0
20
40
60
80
100
0
2
4
6
8
10
Maximum Load Current
vs. Temperature with Heat Sink
1ºC/W
Free Air
10ºC/W
5ºC/W
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
at Maximum Rated Voltage
(Measured Across Pins 1 & 2)
Temperature (ºC)
-40
760
740
720
700
680
660
640
620
600
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
14
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=1ADC)
I
F=10mA
I
F=20mA
-40
0.22
0.20
0.18
0.16
0.14
0.12
0.10
0.08
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=1ADC)
Temperature (ºC)
I
F=20mA
I
F=10mA
Typical Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=10mA
I
F=20mA
LED Forward Current (mA)
0
5
1015202530354045
11
10
9
8
7
6
5
3
2
1
0
50
12
4
Typical Turn-On vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=1ADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com