Electronic Components Datasheet Search
  English  ▼

X  

CPC1779J Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1779J
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1779J Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1779J Datasheet HTML 1Page - Clare, Inc. CPC1779J Datasheet HTML 2Page - Clare, Inc. CPC1779J Datasheet HTML 3Page - Clare, Inc. CPC1779J Datasheet HTML 4Page - Clare, Inc. CPC1779J Datasheet HTML 5Page - Clare, Inc. CPC1779J Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1779
www.clare.com
3
R03
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
RθJC
-
-
0.3
°C/W
Thermal Resistance (junction to ambient)
Free air
RθJA
-
33
-
°C/W
Junction Temperature (operation)
-
T
J
-40
-
100
°C
Thermal Characteristics
Thermal Management
Device high current characterization was performed using Kunze heat sink KU 1-159, phase change thermal
interface material KU-ALC 5, and transistor clip KU 4-499/1. This combination provided an approximate
junction-to-ambient thermal resistance of 12.5°C/W.
Heat Sink Calculation
Higher load currents are possible by using lower thermal resistance heat sink combinations.
T
J = Junction Temperature (°C), TJ ≤ 100°C *
T
A = Ambient Temperature (°C)
I
L(99) = Load Current with Case Temperature @ 99°C (ADC)
I
L = Desired Operating Load Current (ADC), IL ≤ IL(MAX)
R
θJC = Thermal Resistance, Junction to Case (°C/W) = 0.3°C/W
R
θCA = Thermal Resistance of Heat Sink & Thermal Interface Material , Case to Ambient (°C/W)
P
D(99) = Maximum power dissipation with case temperature held at 99ºC = 3.33W
* Elevated junction temperature reduces semiconductor lifetime.
Heat Sink Rating
R
θCA =
- R
θJC
(T
J - TA) IL(99)
2
I
L
2
•
P
D(99)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com