Electronic Components Datasheet Search
  English  ▼

X  

CPC1906 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1906
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1906 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1906 Datasheet HTML 1Page - Clare, Inc. CPC1906 Datasheet HTML 2Page - Clare, Inc. CPC1906 Datasheet HTML 3Page - Clare, Inc. CPC1906 Datasheet HTML 4Page - Clare, Inc. CPC1906 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1906
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Current (mA)
0
5
1015202530354045
50
Typical Turn-Off vs. LED Forward Current
(I
L=100mADC)
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Typical On-Resistance vs. Temperature
(I
L=100 mADC, IF=10mA)
-40
-20
0
20
40
60
80
100
Temperature (ºC)
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
-40
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
Load Voltage (V)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
1
2
3
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
-1
-3
-2
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
1
2
3
4
5
6
7
Energy Rating Curve
(Free Air, No Heat Sink)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com