Electronic Components Datasheet Search
  English  ▼

X  

CPC1972G Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1972G
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1972G Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1972G Datasheet HTML 1Page - Clare, Inc. CPC1972G Datasheet HTML 2Page - Clare, Inc. CPC1972G Datasheet HTML 3Page - Clare, Inc. CPC1972G Datasheet HTML 4Page - Clare, Inc. CPC1972G Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1972
www.clare.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.21
1.22
1.23
1.24
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(T
A=25ºC, IF=5mA)
35
30
25
20
15
10
5
0
1.89
1.93
1.97
2.01
1.91
1.95
1.99
Output Voltage Drop (V
rms)
Typical On-State Output
Forward Voltage Distribution
(T
A=25ºC)
857
859
861
863
862
860
858
Blocking Voltage (V
P)
35
30
25
20
15
10
5
0
Typical Blocking Voltage Distribution
(T
A=25ºC)
1.35
1.45
1.55
1.30
1.40
1.50
1.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(T
A=25ºC)
450
400
350
300
250
200
150
100
50
0
Typical Maximum Load Current
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I =5mA
F
-40
-10
20
50
80
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Typical Leakage vs. Temperature
(V
L=800VP)
Temperature (ºC)
-40
-10
20
50
80
975
950
925
900
875
850
825
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
-10
20
50
80
3.1
2.8
2.5
2.2
1.9
1.6
1.3
1.0
Typical Output Voltage Drop
vs. Temperature
I
L=250mArms
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.6
1.5
1.4
1.3
1.2
1.1
-40
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 30mA
I
F = 20mA
I
F = 10mA
I
F = 5mA
-40
-10
20
50
80
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0.0
Typical I
F for Switch Operation
vs. Temperature
Temperature (ºC)
Pulse Duration (ms)
10
50
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Maximum Surge Current (non-repetitive)
(T
J=50ºC max)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com