Electronic Components Datasheet Search
  English  ▼

X  

CPC1976 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1976
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1976 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1976 Datasheet HTML 1Page - Clare, Inc. CPC1976 Datasheet HTML 2Page - Clare, Inc. CPC1976 Datasheet HTML 3Page - Clare, Inc. CPC1976 Datasheet HTML 4Page - Clare, Inc. CPC1976 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1976-R02
©Copyright 2009, Clare, Inc.
All rights reserved. Printed in USA.
3/9/09
For additional information please visit our website at: www.clare.com
MECHANICAL DIMENSIONS
MANUFACTURING INFORMATION
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
RoHS
2002/95/EC
e3
Pb
3.302 ± 0.051
(0.130 ± 0.002)
7º TYP
4 PLCS
0.381 ± 0.013
(0.015 ± 0.0005)
21.082 ± 0.381
(0.830 ± 0.015)
10.160 ± 0.127
(0.400 ± 0.005)
0.762 ± 0.076
(0.030 ± 0.003)
2.540 ± 0.127
(0.100 ± 0.005)
10.160 ± 0.127
(0.400 ± 0.005)
5.080 ± 0.127
(0.200 ± 0.005)
1.778
(0.070)
1.016 ± 0.127
(0.040 ± 0.005)
Pin 1
Pin 4
4.572 ± 0.127
(0.180 ± 0.005)
1.651 ± 0.102
(0.065 ± 0.004)
Dimensions
mm
(inches)
Note: Recommended hole size is based on the maximum
cross-section diagonal measure of the pin plus 0.4mm (0.016).
2.540 (0.100)
12.700 (0.500)
17.780 (0.700)
Recommended Hole Pattern
4 x 1.326 (0.052) DIA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com