Electronic Components Datasheet Search
  English  ▼

X  

CPC2014N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC2014N
Description  8-Pin SOIC Dual OptoMOS짰 Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2014N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC2014N Datasheet HTML 1Page - Clare, Inc. CPC2014N Datasheet HTML 2Page - Clare, Inc. CPC2014N Datasheet HTML 3Page - Clare, Inc. CPC2014N Datasheet HTML 4Page - Clare, Inc. CPC2014N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC2014N
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
On-Resistance (
Ω)
0.505 0.510 0.515 0.520 0.525 0.530 0.535
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=400mA, IF=1mA)
Blocking Voltage (V
P)
63.5
64.0
64.5
65.0
65.5
66.0
66.5
0
5
10
15
20
25
30
35
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
LED Current (mA)
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=400mA)
LED Current (mA)
0.16
0.18
0.20
0.22
0.24
0.26
0
5
10
15
20
25
Typical I
F for Switch Dropout
(N=50, T
A=25ºC, IL=400mA)
Turn-On (ms)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0
5
10
15
20
25
Typical Turn-On Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Turn-Off (ms)
0.55
0.65
0.75
0.85
0.95
1.05
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Maximum Load Current vs. Temperature
with One Pole Operating
(I
F=2mA)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 5&6 and 7&8
(V
L=60V)
Temperature (ºC)
-40
72
70
68
66
64
62
60
58
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=5mA
I
F=10mA
Typical Turn-On vs. Temperature
(I
L=80mA)
-40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=80mA)
Temperature (ºC)
I
F=5mA
I
F=10mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com