Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS525 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9LPRS525
Description  56-pin CK505 for Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS525 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9LPRS525 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS525 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IDTTM/ICSTM
PC MAIN CLOCK
1484A—04/28/09
ICS9LPRS525
PC MAIN CLOCK
12
PCI_STOP# Power Management
SMBus OE Bit
PCI_STOP#
Stoppable
Free running
Stoppable
Free running
1
Running
Running
Running
Running
CK= High
CK# = Low
Running
CK= Pull down
CK# = Low
Running
Disable
X
CK= Pull down, CK# = Low
Enable
0
Low
Low
Single-ended Clocks
Differential Clocks
(Except CPU)
Low
CPU_STOP# Power Management
SMBus OE Bit
PCI_STOP#
Stoppable
Free running
1
Running
Running
CK= High
CK# = Low
Running
CK= Pull down
CK# = Low
Running
Disable
X
Enable
0
Low
Differential Clocks
CR# Power Management
SMBus OE Bit
CR#
Stoppable
Free running
1
Running
Running
0
Disable
X
Enable
CK= Pull down, CK# = Low
CK = Pull down, CK# = Low
Differential Clocks
PD# Power Management
Device State
w/o Latched input w/Latched input
Latches Open
Power Down
M1
Virtual Power Cycle
to Latches Open
CPU1
CK= Pull down, CK# = Low
CK= Pull down, CK# = Low
CK= Pull down, CK# = Low
Running
Differential Clocks
(Except CPU1)
CK= Pull down
CK# = Low
CK= Pull down, CK# = Low
Low
Hi-Z
Single-ended Clocks
CK= Pull down
CK# = Low
CK= Pull down
CK# = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com