Electronic Components Datasheet Search
  English  ▼

X  

PS1201 Datasheet(PDF) 3 Page - Clare, Inc.

Part # PS1201
Description  AC Power Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PS1201 Datasheet(HTML) 3 Page - Clare, Inc.

  PS1201 Datasheet HTML 1Page - Clare, Inc. PS1201 Datasheet HTML 2Page - Clare, Inc. PS1201 Datasheet HTML 3Page - Clare, Inc. PS1201 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS1201
www.clare.com
3
R11
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
-40
1.2
1.0
0.8
0.6
0.4
0.2
055
85
0
Ambient Temperature (ºC)
PS1201
Load Current, Free Air
R
θJA=60ºC/W
-40
4
3
2
1
055
85
0
PS1201
Load Current, Heat Sink
Ambient Temperature (ºC)
PS with Thermal Clip attached
to 3ºC/W heat sink
PS with Thermal Clip freestanding
20
15
10
5
0
16
50
100
25
PS1201
Max. Surge Current (Non-Repetitive)
Pulse Duration (ms)
NOTE: Values apply to
T
J=50ºC before Surge
0
1.3
1.2
1.1
1.0
10
25
40
55
70
85
0.9
Ambient Temperature (ºC)
PS1201
Typical Forward Voltage vs. Temperature
0
800
600
400
200
1200
1000
25
50
85
1400
0
Ambient Temperature (ºC)
PS1201
Typical dV/dt vs. Temperature
Vo
63%
10%
RC
PS1201
dV/dt Method
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
Vo = 300V
dV
dt
0.63 x 300V
RC
RC
189
=
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com