Electronic Components Datasheet Search
  English  ▼

X  

PS2601 Datasheet(PDF) 1 Page - Clare, Inc.

Part # PS2601
Description  AC Power Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PS2601 Datasheet(HTML) 1 Page - Clare, Inc.

  PS2601 Datasheet HTML 1Page - Clare, Inc. PS2601 Datasheet HTML 2Page - Clare, Inc. PS2601 Datasheet HTML 3Page - Clare, Inc. PS2601 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS2601
AC Power Switch
www.clare.com
DS-PS2601-R11
1
RoHS
2002/95/EC
e3
Pb
Part #
Description
PS2601
4-Lead, 8-Pin, SIP Package (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
260
V
rms
Load Current
1
A
rms
On-State Voltage Drop
(I
L=1Arms)
1.2
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 1A
rms (3Arms with heat sink)
• Blocking Voltages up to 600V
P
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
Approvals
• UL Recognized Component: UL 508
File # E69938
• CSA Certified Component: Certificate # LR43639-8
2
1
– LED + LED
AC Load
AC Load
8
6
ZC
The PS2601 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce an
alternative to optocoupler and Triac circuits. The
PS2601 switches are robust enough to provide a
blocking voltage of up to 600V
P and max surge
current rating of 20A. In addition, tightly controlled
zero-cross circuitry ensures switching of AC loads
without the generation of transients. The input and
output circuits are optically coupled to provide
3750V
rms of isolation and noise immunity between
control and load circuits. As a result the PS2601
is well suited for industrial environments where
electromagnetic interference would disrupt the
operation of electromechanical relays.


Similar Part No. - PS2601

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
NEC
PS2601 NEC-PS2601 Datasheet
223Kb / 38P
Optocoupler Applications
logo
Clare, Inc.
PS2601 CLARE-PS2601 Datasheet
103Kb / 5P
AC Power Switch
logo
California Eastern Labs
PS2601 CEL-PS2601 Datasheet
124Kb / 4P
HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2601 CEL-PS2601 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
More results

Similar Description - PS2601

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com