Electronic Components Datasheet Search
  English  ▼

X  

MBR160 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBR160
Description  Axial Lead Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR160 Datasheet(HTML) 3 Page - Motorola, Inc

  MBR160 Datasheet HTML 1Page - Motorola, Inc MBR160 Datasheet HTML 2Page - Motorola, Inc MBR160 Datasheet HTML 3Page - Motorola, Inc MBR160 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR150 MBR160
3
Rectifier Device Data
Figure 5. Steady–State Thermal Resistance
Figure 6. Typical Capacitance
3/4
0
L, LEAD LENGTH (INCHES)
90
80
60
70
50
VR, REVERSE VOLTAGE (VOLTS)
50
80
0
60
40
30
20
40
30
20
3/8
1/8
1/4
1/2
5/8
7/8
1.0
60
70
10
20
30
40
50
70
80
10
100
200
BOTH LEADS TO HEAT SINK,
EQUAL LENGTH
MAXIMUM
TYPICAL
100
90
TJ = 25°C
f = 1 MHz
NOTE 3 — MOUNTING DATA:
Data shown for thermal resistance junction–to–ambient
(R
θJA) for the mounting shown is to be used as a typical
guideline values for preliminary engineering or in case the tie
point temperature cannot be measured.
Typical Values for R
θJA in Still Air
Mounting
Lead Length, L (in)
R
θJA
g
Method
1/8
1/4
1/2
3/4
R
θJA
1
52
65
72
85
°C/W
2
67
80
87
100
°C/W
3
—
50
°C/W
NOTE 4 — THERMAL CIRCUIT MODEL:
(For heat conduction through the leads)
TA(A)
TA(K)
TL(A)
TC(A)
TJ
TC(K)
TL(K)
PD
R
θS(A)
R
θL(A)
R
θJ(A)
R
θJ(K)
R
θL(K)
R
θS(K)
Use of the above model permits junction to lead thermal
resistance for any mounting configuration to be found. For a
given total lead length, lowest values occur when one side of
the rectifier is brought as close as possible to the heat sink.
Terms in the model signify:
TA = Ambient Temperature
TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
R
θS = Thermal Resistance, Heat Sink to Ambient
R
θL = Thermal Resistance, Lead to Heat Sink
R
θJ = Thermal Resistance, Junction to Case
PD = Power Dissipation
Mounting Method 1
P.C. Board with
1–1/2
″ x 1–1/2″
copper surface.
Mounting Method 3
P.C. Board with
1–1/2
″ x 1–1/2″
copper surface.
BOARD GROUND
PLANE
VECTOR PIN MOUNTING
Mounting Method 2
LL
LL
L = 3/8
″
(Subscripts A and K refer to anode and cathode sides,
respectively.) Values for thermal resistance components are:
R
θL = 100°C/W/in typically and 120°C/W/in maximum.
R
θJ = 36°C/W typically and 46°C/W maximum.
NOTE 5 — HIGH FREQUENCY OPERATION:
Since current flow in a Schottky rectifier is the result of ma-
jority carrier conduction, it is not subject to junction diode for-
ward and reverse recovery transients due to minority carrier
injection and stored charge. Satisfactory circuit analysis work
may be performed by using a model consisting of an ideal
diode in parallel with a variable capacitance. (See Figure 6.)
Rectification efficiency measurements show that operation
will be satisfactory up to several megahertz. For example,
relative waveform rectification efficiency is approximately 70
percent at 2 MHz, e.g., the ratio of dc power to RMS power in
the load is 0.28 at this frequency, whereas perfect rectifica-
tion would yield 0.406 for sine wave inputs. However, in con-
trast to ordinary junction diodes, the loss in waveform effi-
ciency is not indicative of power loss: it is simply a result of
reverse current flow through the diode capacitance, which
lowers the dc output voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com