Electronic Components Datasheet Search
  English  ▼

X  

VNQ660SP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNQ660SP
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNQ660SP Datasheet HTML 5Page - STMicroelectronics VNQ660SP Datasheet HTML 6Page - STMicroelectronics VNQ660SP Datasheet HTML 7Page - STMicroelectronics VNQ660SP Datasheet HTML 8Page - STMicroelectronics VNQ660SP Datasheet HTML 9Page - STMicroelectronics VNQ660SP Datasheet HTML 10Page - STMicroelectronics VNQ660SP Datasheet HTML 11Page - STMicroelectronics VNQ660SP Datasheet HTML 12Page - STMicroelectronics VNQ660SP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VNQ660SP
Electrical specifications
9/26
Figure 4.
Status timings
Table 8.
Switching (VCC = 13V; Tj = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 13Ω channels 1,2,3,4
(see Figure 5)
40
70
µs
td(off)
Turn-off delay time
RL = 13Ω channels 1,2,3,4
(see Figure 5)
40
140
µs
dVOUT/dt(on) Turn-on voltage slope
RL = 13Ω channels 1,2,3,4
(see Figure 5)
See
Figure 10
V/µs
dVOUT/dt(off) Turn-off voltage slope
RL = 13Ω channels 1,2,3,4
(see Figure 5)
See
Figure 12
V/µs
Table 9.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.25
V
IIL
Input low level current
VIN = 1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
Input high level current
VIN = 3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
CIN
Input capacitance
40
pF
VICL
Input clamp voltage
IIN = 1mA
IIN = -1mA
66.8
- 0.7
8V
V
Table 10.
Openload detection
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSDL
Status delay
See Figure 4
20
µs
VOL
Openload voltage detection threshold
VIN = 0V
1.5
2.5
3.5
V
tDOL
Openload detection delay at turn-off
VCC = 18V
(see Figure 4)
300
µs
VIN
VSTAT
tDOL
OPENLOAD STATUS TIMING
VIN
VSTAT
OVERTEMP STATUS TIMING
tSDL
tSDL
tSDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com