Electronic Components Datasheet Search
  English  ▼

X  

WDBR2 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WDBR2
Description  Ultra low profile thick-film on steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WDBR2 Datasheet(HTML) 2 Page - Welwyn Components Limited

  WDBR2 Datasheet HTML 1Page - Welwyn Components Limited WDBR2 Datasheet HTML 2Page - Welwyn Components Limited WDBR2 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra Low Profile Power Resistors
WDBR Series
Terminations
The following termination options are available
Option
Code
Nominal Dimensions
Solder pad only
SnAg (96S)
I
Flying leads
UL3134 40A, 600V
L
Push-on connectors
(WDBR1,2,3,5&7)
T
Performance Data
Maximum
Pulsed load at full pulse power rating 50,000 cycles (see Fig 1)
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C.
ΔR%
5
Derating at heatsink temperatures >160°C
See Fig. 2
Application Notes
A heatsink with thermal resistance
≤0.53°C/W will enable the component to operate at its continuous power rating.
Thermal grease (e.g. Dow Corning DC340) should be used and the heatsink should have a surface finish of <6.3
μm
with flatness of <0.05mm. The resistor should be mounted using a screw head bolt of size M5 for WDBR2, 3, 5 & 7,
M3 for WDBR1 and M2 for WDBR1/2. This should be torqued to 2.5Nm ±10%.
WDBR resistors will fail safe (open circuit) under overload fault conditions and still maintain a 1kV dielectric withstand.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
11mm
8.5mm
8mm
6mm
0.8mm
9mm
9mm
250mm
3mm
0
20
40
60
80
100
120
0
50
100
150
200
250
Heatsink Temperature (°C)
Fig. 2: Temperature Derating
1ms
1ms
8s
P pk
2s
Fig. 1: Duty Cycle Waveform



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com