Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1356 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1356
Description  High accuracy 550mA, 60V LED driver with internal switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 24Page - Diodes Incorporated ZXLD1356 Datasheet HTML 25Page - Diodes Incorporated ZXLD1356 Datasheet HTML 26Page - Diodes Incorporated ZXLD1356 Datasheet HTML 27Page - Diodes Incorporated ZXLD1356 Datasheet HTML 28Page - Diodes Incorporated ZXLD1356 Datasheet HTML 29Page - Diodes Incorporated ZXLD1356 Datasheet HTML 30Page - Diodes Incorporated ZXLD1356 Datasheet HTML 31Page - Diodes Incorporated ZXLD1356 Datasheet HTML 32Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ZXLD1356
Issue 2 - September 2008
32
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Diodes Zetex sales offices
Europe
Zetex GmbH
Kustermann-Park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Diodes Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Diodes Incorporated
15660 N. Dallas Parkway
Suite 850, Dallas,
X57248, USA
www.diodes.com
© 2008 Diodes Incorporated 2008
Definitions
Product change
Diodes Incorporated reserves the right to alter, without notice, specifications, design, price or conditions of supply of any product or
service. Customers are solely responsible for obtaining the latest relevant information before placing orders.
Applications disclaimer
The circuits in this design/application note are offered as design ideas. It is the responsibility of the user to ensure that the circuit is fit for
the user’s application and meets with the user’s requirements. No representation or warranty is given and no liability whatsoever is
assumed by Diodes Inc. with respect to the accuracy or use of such information, or infringement of patents or other intellectual property
rights arising from such use or otherwise. Diodes Inc. does not assume any legal responsibility or will not be held legally liable (whether
in contract, tort (including negligence), breach of statutory duty, restriction or otherwise) for any damages, loss of profit, business,
contract, opportunity or consequential loss in the use of these circuit applications, under any circumstances.
Life support
Diodes Inc. products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body
or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labelling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or to affect its safety or effectiveness.
Reproduction
The product specifications contained in this publication are issued to provide outline information only which (unless agreed by the
company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a
representation relating to the products or services concerned.
Terms and Conditions
All products are sold subjects to Diodes Inc. terms and conditions of sale, and this disclaimer (save in the event of a conflict between the
two when the terms of the contract shall prevail) according to region, supplied at the time of order acknowledgement.
For the latest information on technology, delivery terms and conditions and prices, please contact your nearest Diodes sales office.
Quality of product
Diodes Zetex Semiconductors Limited is an ISO 9001 and TS16949 certified semiconductor manufacturer.
To ensure quality of service and products we strongly advise the purchase of parts directly from Diodes Zetex or one of our regionally
authorized distributors. For a complete listing of authorized distributors please visit: www.zetex.com or www.diodes.com
Diodes Inc does not warrant or accept any liability whatsoever in respect of any parts purchased through unauthorized sales channels.
ESD (Electrostatic discharge)
Semiconductor devices are susceptible to damage by ESD. Suitable precautions should be taken when handling and transporting devices.
The possible damage to devices depends on the circumstances of the handling and transporting, and the nature of the device. The extent
of damage can vary from immediate functional or parametric malfunction to degradation of function or performance in use over time.
Devices suspected of being affected should be replaced.
Green compliance
Diodes Inc. is committed to environmental excellence in all aspects of its operations which includes meeting or exceeding regulatory
requirements with respect to the use of hazardous substances. Numerous successful programs have been implemented to reduce the use
of hazardous substances and/or emissions.
All Diodes Zetex components are compliant with the RoHS directive, and through this it is supporting its customers in their compliance
with WEEE and ELV directives.
Product status key:
“Preview”
Future device intended for production at some point. Samples may be available
“Active”
Product status recommended for new designs
“Last time buy (LTB)”
Device will be discontinued and last time buy period and delivery is in effect
“Not recommended for new designs” Device is still in production to support existing designs and production
“Obsolete”
Production has been discontinued
Datasheet status key:
“Draft version”
This term denotes a very early datasheet version and contains highly provisional information, which
may change in any manner without notice.
“Provisional version”
This term denotes a pre-release datasheet. It provides a clear indication of anticipated performance.
However, changes to the test conditions and specifications may occur, at any time and without notice.
“Issue”
This term denotes an issued datasheet containing finalized specifications. However, changes to
specifications may occur, at any time and without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com