Electronic Components Datasheet Search
  English  ▼

X  

412LB7C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 412LB7C
Description  LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

412LB7C Datasheet(HTML) 1 Page - HB Electronic Components

  412LB7C Datasheet HTML 1Page - HB Electronic Components 412LB7C Datasheet HTML 2Page - HB Electronic Components 412LB7C Datasheet HTML 3Page - HB Electronic Components 412LB7C Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:412LB7C
www.ledz.com
1/3
LED SPECIFICATION
Features/特征:
Single color/单色
High bright output/高亮度输出
Large view angle/大视角
Low power consumption/低功耗
High reliability and long life/
可靠性高、寿命长
1.
All dimensions are millimeters/单位:mm.
2.
Tolerance is +/-0.25mm unless otherwise noted/没有标注的公差均为±0.25mm.
Descriptions/描述:
Dice material/芯片材质:GaN
Emitting Color/发光颜色:
Super Bright Blue/ 高亮度蓝色
Device Outline/产品外形:
φ5mm Round Type/ 5mm 圆形
Lens Type 胶体颜色:
Water Clear/ 无色透明


Similar Part No. - 412LB7C

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
ebm-papst
412 EBMPAPST-412 Datasheet
375Kb / 3P
DC axial fans
logo
3M Electronics
412 3M-412 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
412 MARATHON-412 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
More results

Similar Description - 412LB7C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com