Electronic Components Datasheet Search
  English  ▼

X  

CPC1335P Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1335P
Description  Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1335P Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1335P Datasheet HTML 1Page - Clare, Inc. CPC1335P Datasheet HTML 2Page - Clare, Inc. CPC1335P Datasheet HTML 3Page - Clare, Inc. CPC1335P Datasheet HTML 4Page - Clare, Inc. CPC1335P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1335
www.clare.com
3
R05
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
CPC1335
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
CPC1335
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=100mA)
0.50
0.70
0.90
1.10
0.60
0.80
1.00
Turn-On (ms)
25
20
15
10
5
0
CPC1335
Typical Turn-On Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
CPC1335
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=100mA, IF=5mA)
35
30
25
20
15
10
5
0
26
28
30
32
27
29
31
CPC1335
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=120mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
377
399
421
443
388
410
432
Blocking Voltage (V
P)
CPC1335
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
CPC1335
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CPC1335
Typical Turn-On Time vs. Temperature
(V
L=10V)
I
F=1mA
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
CPC1335
Typical Turn-Off Time vs. Temperature
(V
L=10V)
I
F=1mA
I
F=5mA
I
F=2mA
LED Forward Current (mA)
0
1020
304050
0
500
1000
1500
2000
2500
3000
3500
CPC1335
Turn-On Time vs. LED Forward Current
(T
A=25ºC)
LED Forward Current (mA)
0
1020
304050
462
464
466
468
470
472
474
476
CPC1335
Typical Turn-Off vs. LED Forward Current
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.12
0.16
0.20
0.24
0.28
CPC1335
Typical LED Current to Operate
vs. Temperature
(I
L=70mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com