Electronic Components Datasheet Search
  English  ▼

X  

CPC1393G Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1393G
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1393G Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1393G Datasheet HTML 1Page - Clare, Inc. CPC1393G Datasheet HTML 2Page - Clare, Inc. CPC1393G Datasheet HTML 3Page - Clare, Inc. CPC1393G Datasheet HTML 4Page - Clare, Inc. CPC1393G Datasheet HTML 5Page - Clare, Inc. CPC1393G Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1393-R03
1
CPC1393
Single Pole OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part Number
Description
CPC1393G
4-Pin DIP (100/Tube)
CPC1393GV
4-Pin DIP V-Bend (100/Tube)
CPC1393GR
4-Pin Surface Mount (100/Tube)
CPC1393GRTR
4-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
600
V
P
Load Current
90
mA
Max On-resistance
50
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The CPC1393G is a single-pole normally-open
(1-Form-A) Solid State Relay with an enhanced
input to output isolation barrier of 5000V
rms. Clare’s
patented OptoMOS architecture makes available the
optically coupled technology necessary to activate
the output’s efficient MOSFET switches. Control of
the isolated output is accomplished by means of the
highly effective GaAlAs infrared LED at the input.
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File # E76270
• EN/IEC 60950 Compliant
• CSA Certified Component: Certificate # 1172007
• 5000V
rms Input/Output Isolation
• 600V
P Blocking Voltage
• 100% Solid State
• Small 4-Pin Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+
1
2
3
4
+ Control
– Control
Load
Load


Similar Part No. - CPC1393G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1393G IXYS-CPC1393G Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1393GR IXYS-CPC1393GR Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1393GRTR IXYS-CPC1393GRTR Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1393GV IXYS-CPC1393GV Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
More results

Similar Description - CPC1393G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
Dual Single-Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
Single Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
Dual Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com