Electronic Components Datasheet Search
  English  ▼

X  

CPC1965G Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1965G
Description  AC Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1965G Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1965G Datasheet HTML 1Page - Clare, Inc. CPC1965G Datasheet HTML 2Page - Clare, Inc. CPC1965G Datasheet HTML 3Page - Clare, Inc. CPC1965G Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC1965G-R04
1
CPC1965G
AC Solid State Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1965G
4-Lead, 16-Pin DIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
260
V
rms
Load Current
1
A
rms
On State Voltage Drop
1.6
V
rms (at IL = 1Arms)
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 1A
rms
• 600V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• Machine Insertable, Wave Solderable
• Flammability classification rating of V-0
The CPC1965G is an AC Solid State Switch using
patented waveguide coupling with dual power SCR
outputs to produce an alternative to optocoupler and
Triac circuits. The switches are robust enough to
provide a blocking voltage of up to 600V
P . In addition,
tightly controlled zero-cross circuitry ensures switching
of AC loads without the generation of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result, the
CPC1965G is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
Approvals
• UL Recognized Component: File # E69938
• CSA Certified Component: Certificate # 1172007
16
1
10
+ LED
AC Load
– LED
AC Load
8
ZC


Similar Part No. - CPC1965G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
111Kb / 6P
AC Solid State Relay
logo
IXYS Corporation
CPC1965G IXYS-CPC1965G Datasheet
102Kb / 6P
TTL and CMOS Compatible
logo
Littelfuse
CPC1965G LITTELFUSE-CPC1965G Datasheet
153Kb / 6P
AC Solid State Relay
11/18/2025
logo
Clare, Inc.
CPC1965G CLARE-CPC1965G_11 Datasheet
111Kb / 6P
AC Solid State Relay
More results

Similar Description - CPC1965G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
AC Solid State Relay
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com