Electronic Components Datasheet Search
  English  ▼

X  

MBR1545CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR1545CT
Description  SWITCHMODE??Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1545CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBR1545CT Datasheet HTML 1Page - Motorola, Inc MBR1545CT Datasheet HTML 2Page - Motorola, Inc MBR1545CT Datasheet HTML 3Page - Motorola, Inc MBR1545CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR1535CT MBR1545CT
2
Rectifier Device Data
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
TA, AMBIENT TEMPERATURE (°C)
040
20
60
160
2.0
4.0
6.0
8.0
10
0
2.0
6.0
4.0
8.0
12
8.0
0
4.0
2.0
6.0
TC, CASE TEMPERATURE (C°)
100
14
4.0
0
dc
180
° SQUARE WAVE
120
140
150
2.0
12
16
6.0
8.0
10
12
14
16
180
°C
SQUARE
WAVE
Figure 1. Typical Forward Voltage
iF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.2
0.4
5.0
0.7
3.0
2.0
1.0
0.6
0.8
0.5
25
°C
TJ = 125°C
50
30
20
10
1.0
1.2
7.0
75
°C
VR, REVERSE VOLTAGE (VOLTS)
020
10
30
40
0.001
0.01
0.1
100
Figure 2. Typical Reverse Current
50
10
1.0
75
°C
TJ = 150°C
125
°C
25
°C
Figure 3. Current Derating, Case
110
130
100
°C
RATED VOLTAGE APPLIED
RqJC = 3.0° C/W
Figure 4. Current Derating, Ambient
0
80
100
120
140
180
° SQUARE WAVE
RATED VOLTAGE APPLIED
RqJA = 16° C/W
dc
dc
10
12
14
16
18
20
10
14
I
PK
I
AV
+ p
dc
Figure 5. Power Dissipation
RqJA = 60° C/W
(NO HEAT SINK)
(RESISTIVE LOAD)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com