Electronic Components Datasheet Search
  English  ▼

X  

CPC3710C Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC3710C
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3710C Datasheet(HTML) 3 Page - Clare, Inc.

  CPC3710C Datasheet HTML 1Page - Clare, Inc. CPC3710C Datasheet HTML 2Page - Clare, Inc. CPC3710C Datasheet HTML 3Page - Clare, Inc. CPC3710C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPC3710C
www.clare.com
3
R00A.8
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC3710C
Output Characteristics
VDS (V)
0
1
2
3
4
5
300
270
240
210
180
150
120
90
60
30
0
6
VGS=0.0V
VGS=-1.0V
VGS=-1.5V
VGS=-2.0V
CPC3710C
Transfer Characteristics
VGS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
350
300
250
200
150
100
50
0
VDS=5V
CPC3710C
VGS(off) & Ron Vs. Temperature
-40
-0
40
80
120
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
Ron
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
VGS(off)
VDS=10V
ID=1mA
VGS=0V
ID=100mA
CPC3710C
Power Dissipation vs.
Ambient Temperature
0
20
40
60
80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
120
140
CPC3710C
Transconductance Vs. Drain Current
ID (mA)
0 10 20 30 40
300
250
200
150
100
50
0
VDS=10V
50 60 70 80
100
90
VDS (V)
0
10
100
1000
1.0
0.1
0.001
0.0001
CPC3710C
Capacitance vs. Drain Source Voltage
V
DS (V)
V
GS = 5V
C
ISS
C
0SS
C
RSS
0
10
20
160
140
120
100
80
60
40
20
0
30
40
CPC3710C
On Resistance vs. Drain Current
ID (A)
0
0.03
0.06
0.09
0.12
20
18
16
14
12
10
8
6
4
2
0
0.15
0.18
0.21
0.24
0.27
0.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com