Electronic Components Datasheet Search
  English  ▼

X  

CPC3714C Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC3714C
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3714C Datasheet(HTML) 3 Page - Clare, Inc.

  CPC3714C Datasheet HTML 1Page - Clare, Inc. CPC3714C Datasheet HTML 2Page - Clare, Inc. CPC3714C Datasheet HTML 3Page - Clare, Inc. CPC3714C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPC3714C
www.clare.com
3
R00A.5
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC3714C
Output Characteristics
V
DS (V)
0
1
2
3
4
5
250
225
200
175
150
125
100
75
50
25
0
6
V
GS=-1.0
V
GS=0
V
GS=-1.5V
V
GS=-2.0
CPC3714C
Transfer Characteristics
V
GS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
280
240
200
160
120
80
40
0
V
DS=5V
+125
ºC
+25
ºC
-40ºC
CPC3714C
V
GS(off) & RON Vs. Temperature
Temperature (ºC)
-50
-0
50
100
150
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
R
ON
21
18
15
12
9
6
3
0
V
GS(off)
V
DS=10V
I
D=1mA
V
GS=0V
I
D=100mA
CPC3714C
Power Dissipation vs.
Ambient Temperature
Temperature (ºC)
0
20
40
60
80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
120
140
CPC3714C
Transconductance Vs. Drain Current
I
D (mA)
0 10 20 30 40
300
250
200
150
100
50
0
V
DS=10V
-55ºC
+25
ºC
+125ºC
50 60 70 80
100
90
V
DS (V)
0
10
100
1000
1.0
0.1
0.001
0.0001
CPC3714C
Maximum Rated Safe Operating Area at 25ºC
CPC3714C
Capacitance vs. Drain Source Voltage
V
DS (V)
V
GS = -5V
C
ISS
C
0SS
C
RSS
0
10
20
160
140
120
100
80
60
40
20
0
30
40
CPC3714C
On Resistance vs. Drain Current
I
D (A)
0
0.03
0.06
0.09
0.12
20
18
16
14
12
10
8
6
4
2
0
0.15
0.18
0.21
0.24
0.27
0.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com