Electronic Components Datasheet Search
  English  ▼

X  

CPC3720C Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC3720C
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3720C Datasheet(HTML) 3 Page - Clare, Inc.

  CPC3720C Datasheet HTML 1Page - Clare, Inc. CPC3720C Datasheet HTML 2Page - Clare, Inc. CPC3720C Datasheet HTML 3Page - Clare, Inc. CPC3720C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPC3720C
www.clare.com
3
R00A.7
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC3720C
Output Characteristics
VDS (V)
0
1
2
3
4
5
200
180
160
140
120
100
80
60
40
20
0
6
VGS=0.0V
VGS=-1.0V
VGS=-1.5V
VGS=-2.0V
CPC3720C
Transfer Characteristics
VGS (V)
-3.0
-2.5
-2.0
-1.5
-1.0
175
150
125
100
75
50
25
0
VDS=5V
CPC3720C
VGS(off) & Ron Vs. Temperature
-40
0
40
80
120
35
30
25
20
15
10
5
0
Ron
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
VGS(off)
VDS=10V
ID=1mA
VGS=0V
ID=90mA
CPC3720C
Power Dissipation vs.
Ambient Temperature
0
20
40
60
80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
120
140
CPC3720C
Transconductance Vs. Drain Current
ID (mA)
VDS =10V
0
20
10
40
30
60
50
80 90
70
300
250
200
150
100
50
0
100
VDS (V)
0
10
100
1000
1.0
0.1
0.001
0.0001
CPC3720C
CPC3720C
Capacitance vs. Drain Source Voltage
V
DS (V)
V
GS = -5
C
ISS
C
0SS
C
RSS
0
10
20
160
140
120
100
80
60
40
20
0
30
40
CPC3720C
On Resistance vs. Drain Current
ID (A)
0.000
0.02
0.04
0.06
0.08
30
27
24
21
18
15
12
9
6
3
0
0.1
0.12
0.14
0.16
0.18
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com