Electronic Components Datasheet Search
  English  ▼

X  

CPC3720CTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3720CTR
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3720CTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3720CTR Datasheet HTML 1Page - Clare, Inc. CPC3720CTR Datasheet HTML 2Page - Clare, Inc. CPC3720CTR Datasheet HTML 3Page - Clare, Inc. CPC3720CTR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC3720C-R00A.7
1
CPC3720C
N-Channel Depletion-Mode
Vertical DMOS FETs
Part #
Description
CPC3720C
SOT-89 (100/Tube)
CPC3720CTR
SOT-89 (2000/Reel)
BV
DSX/
BV
DGX
R
DS(ON)
(max)
I
DSS (min)
Package
350V
22Ω
130mA
SOT-89
Applications
Features
Description
Ordering Information
Package Pinout
•
Ignition modules
•
Normally-on switches
•
Solid state relays
•
Converters
•
Telecommunications
•
Power supply
•
Depletion mode device offers low R
DS(ON) at cold
temperatures
•
Low on resistance 22 ohms max. at 25ºC
•
High input impedance
•
High breakdown voltage 350V
•
Low V
GS(off) voltage -1.6 to -3.9V
•
Small package size SOT-89
The CPC3720C is an N-channel depletion mode field
effect transistor (FET) that utilizes Clare’s proprietary
third generation vertical DMOS process. Third
generation process realizes world class, high voltage
MOSFET performance in an economical silicon gate
process. Our vertical DMOS process yields a robust
device for high power applications with high input
impedance. The CPC3720C is a highly reliable FET
device that has been used extensively in Clare’s solid
state relays for industrial and telecommunications
applications.
This device excels in power applications requiring
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3720C offers a low 20 ohm maximum on-
state resistance at 25ºC.
The CPC3720C has a minimum breakdown voltage of
350V and is available in an SOT-89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
(SOT-89)
G
D
S
D
Switching Waveform
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
Rgen
0V
-10V
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t(ON)
td(ON)
t(OFF)
td(OFF)
tF
tr
INPUT
INPUT
OUTPUT
0V
VDD
Rgen
0V
-10V
Test Circuit


Similar Part No. - CPC3720CTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3720CTR CLARE-CPC3720CTR Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
logo
IXYS Corporation
CPC3720CTR IXYS-CPC3720CTR Datasheet
125Kb / 5P
Depletion-Mode FET
More results

Similar Description - CPC3720CTR

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com