Electronic Components Datasheet Search
  English  ▼

X  

CPC5622 Datasheet(PDF) 18 Page - Clare, Inc.

Part # CPC5622
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5622 Datasheet(HTML) 18 Page - Clare, Inc.

Back Button CPC5622 Datasheet HTML 10Page - Clare, Inc. CPC5622 Datasheet HTML 11Page - Clare, Inc. CPC5622 Datasheet HTML 12Page - Clare, Inc. CPC5622 Datasheet HTML 13Page - Clare, Inc. CPC5622 Datasheet HTML 14Page - Clare, Inc. CPC5622 Datasheet HTML 15Page - Clare, Inc. CPC5622 Datasheet HTML 16Page - Clare, Inc. CPC5622 Datasheet HTML 17Page - Clare, Inc. CPC5622 Datasheet HTML 18Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
CPC5622
18
7.2 Tape and Reel Packaging
Figure 18. Tape and Reel Dimensions
7.3 Soldering
7.3.1 Moisture Reflow Sensitivity
Clare has characterized the moisture reflow sensitivity
of this package, and has determined that this
component must be handled in accordance with
IPC/JEDEC standard J-STD-033 moisture sensitivity
level (MSL), level 3 classification.
7.3.2 Reflow Profile
For proper assembly, the component must be
processed in accordance with the current revision of
IPC/JEDEC standard J-STD-020. Failure to follow the
recommended guidelines may cause permanent
damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
7.4 Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Tape and Reel Packaging for 32-Pin SOIC Package
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
User Direction of Feed
Top Cover
Tape
P=12.00
(0.472)
A
0=10.90
± 0.15
(0.429 ± 0.006)
B
0=10.70
± 0.15
(0.421 ± 0.006)
W=16.00 ± 0.30
(0.630 ± 0.012)
K
0=3.20
± 0.15
(0.126 ± 0.006)
K
1=2.70
± 0.15
(0.106 ± 0.006)
RoHS
2002/95/EC
e3
Pb
For additional information please visit www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses or indemnity are expressed or implied. Except as set
forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty relating to its
products, including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized, or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a
person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC5622 - R02
Copyright © 2008, Clare, Inc.
LITELINK® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
10/10/08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com