Electronic Components Datasheet Search
  English  ▼

X  

CPC5622ATR Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5622ATR
Description  LITELINK짰 III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5622ATR Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5622ATR Datasheet HTML 2Page - Clare, Inc. CPC5622ATR Datasheet HTML 3Page - Clare, Inc. CPC5622ATR Datasheet HTML 4Page - Clare, Inc. CPC5622ATR Datasheet HTML 5Page - Clare, Inc. CPC5622ATR Datasheet HTML 6Page - Clare, Inc. CPC5622ATR Datasheet HTML 7Page - Clare, Inc. CPC5622ATR Datasheet HTML 8Page - Clare, Inc. CPC5622ATR Datasheet HTML 9Page - Clare, Inc. CPC5622ATR Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CPC5622
6
www.clare.com
R02
2. Application Circuits
LITELINK can be used with telephone networks
worldwide. Some public telephone networks, notably
in North America and Japan require a resistive line
termination. Other telephone networks, such as in
Europe, China and elsewhere, require a reactive line
termination.
The application circuits that follow address both types
of line termination models. A reactive termination
application circuit that describes the TBR-21
implementation is shown in Figure 2.2 on page 8. This
circuit can be easily adapted for other reactive
termination needs.
2.1 Resistive Termination Application Circuit
Figure 3. Resistive Termination Application Circuit Schematic
¹This design was tested and found to comply with FCC Part 68 with this
Sidactor. Other compliance requirements may require a different part.
²Higher-noise power supplies may require substitution of a 220
μH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare
application note AN-146, Guidelines for Effective LITELINK Designs for
more information.
³Optional for enhanced transhybrid loss.
4Use voltage ratings based on the isolation requirements of your application.
+
-
OH
RING
RING2
TX+
RX+
TX-
RX-
3.3 or 5V
C13
C14
C2
C4
R1
(R
TX)
80.6K
R23 2
10
BR-
BR-
BR-
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
RING2
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
VDDL
DB1
SP1 1
BR-
BR-
A
A
A
C9
0.1μ
C16
10μ
FB1
600 Ω
200 mA
C1
1μ
(R
TXF)
60.4K
5%
(R
HTF)
200K
R13
(R
NTS)
1M
5%
C10
0.01μ
500V
R15
1.69M
R20
2
6.49M
(R
DCS1A)
6.49 M
(C
DCS)
0.027μ
(R
RXF)
130K
R3
1.5M
C7
(C
SNP-)
4
220pF
C8
220pF
(R
SNP-2)
1.8M
1.8M
1.8M
1.8M
R4
68.1
BR-
NOTE: Unless otherwise noted:
Resistor values are in Ohms
All resistors are 1%.
Capacitor values are in Farads.
R14
(R
GAT)
47
Q1
CPC5602C
(C
GAT)
(R
ZDC)
3
8.2
R10
301
R18
3.32K
C18
15p 3
R12
499K
(R
NTF)
BR-
BR-
C15
0.01μ
500V
221K
(R
NTX)
261K
0.1μ
0.1μ
0.1μ
0.1μ
R16
R8
R5
R75
BR-
C21
100p
R76
R22
R21
C12
R6
R44
R7
R45
(R
SNP-1)
(R
SNP+2)
(R
SNP+1)
(R
SNPD)
(R
DCS1B)
(R
HTX)
(R
ZNT)
(R
ZTX)
(R
PB)
(R
DCS2)
(R
VDDL)
BR-
(C
SNP+)
4
R2
CPC5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com