Electronic Components Datasheet Search
  English  ▼

X  

CPC7582 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7582
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7582 Datasheet HTML 1Page - Clare, Inc. CPC7582 Datasheet HTML 2Page - Clare, Inc. CPC7582 Datasheet HTML 3Page - Clare, Inc. CPC7582 Datasheet HTML 4Page - Clare, Inc. CPC7582 Datasheet HTML 5Page - Clare, Inc. CPC7582 Datasheet HTML 6Page - Clare, Inc. CPC7582 Datasheet HTML 7Page - Clare, Inc. CPC7582 Datasheet HTML 8Page - Clare, Inc. CPC7582 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS-CPC7582-R05
www.clare.com
1
Features
• Small 16-pin SOIC and 16-pin DFN
• DFN package printed-circuit board footprint is 60
percent smaller than the SOIC version, 70 percent
smaller than 4th generation EMR solutions.
• Monolithic IC reliability
• Low matched R
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
to talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
• 5 V operation with power consumption < 10 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
required
• SOIC version is pin compatible with Agere product
Applications
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7582 is a monolithic solid-state switch in a
16-pin SOIC or DFN surface-mount package. It
provides the necessary functions to replace two
2-Form-C electro-mechanical relays on traditional
analog and integrated voice and data (IVD) line cards
found in Central Office, Access, and PBX equipment.
The device contains solid state switches for tip and
ring line break, ringing injection/ringing return and test
access. The CPC7582 requires only a +5V supply and
offers break-before-make or make-before-break switch
operation using simple logic-level input control.
The CPC7582xC logic states differ from the
CPC7582xA/B. See “Functional Description” on
page 12 for more information. The CPC7582xC also
has a higher trigger and hold current for the protection
SCR.
Ordering Information
Figure 1. CPC7582 Block Diagram
CPC7582 x x xx
B - 16-pin SOIC delivered 50/Tube, 1000/Reel
M - 16-pin DFN delivered 52/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR with higher trigger and hold currents
and “Monitor Test State”
TR - Add for Tape & Reel Version
CPC7582 part numbers are specified as shown here:
CPC7582
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
3
5
4
14
2
6
7
8
16
1
13
12
15
9
10
11
L
A
T
C
H
Switch
Control
Logic
SCR and
Trip Circuit
(CPC7582xB/C)
Secondary
Protection
+5 Vdc
Tip
Ring
SLIC
X
X
X
X
X
X
SW5
SW6
SW2
SW4
T
TEST
V
BAT
RINGING
300
(min.)
Ω
R
TEST
T
RING
SW3
SW1
RoHS
2002/95/EC
e3
Pb
Not for New Designs
CPC7582
Line Card Access Switch


Similar Part No. - CPC7582

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7582BA CLARE-CPC7582BA Datasheet
147Kb / 12P
Line Card Access Switch
CPC7582BA-TR CLARE-CPC7582BA-TR Datasheet
147Kb / 12P
Line Card Access Switch
CPC7582BB CLARE-CPC7582BB Datasheet
147Kb / 12P
Line Card Access Switch
CPC7582BB-TR CLARE-CPC7582BB-TR Datasheet
147Kb / 12P
Line Card Access Switch
More results

Similar Description - CPC7582

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com