Electronic Components Datasheet Search
  English  ▼

X  

CPC7591 Datasheet(PDF) 17 Page - Clare, Inc.

Part # CPC7591
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7591 Datasheet(HTML) 17 Page - Clare, Inc.

Back Button CPC7591 Datasheet HTML 11Page - Clare, Inc. CPC7591 Datasheet HTML 12Page - Clare, Inc. CPC7591 Datasheet HTML 13Page - Clare, Inc. CPC7591 Datasheet HTML 14Page - Clare, Inc. CPC7591 Datasheet HTML 15Page - Clare, Inc. CPC7591 Datasheet HTML 16Page - Clare, Inc. CPC7591 Datasheet HTML 17Page - Clare, Inc. CPC7591 Datasheet HTML 18Page - Clare, Inc. CPC7591 Datasheet HTML 19Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CPC7591
R05
www.clare.com
17
3.2 Printed-Circuit Board Layout
3.2.1 16-Pin SOIC
3.2.2 16-Pin DFN
NOTE: As the metallic pad on the bottom of the DFN
package is connected to the substrate of the die, Clare
recommends that no printed circuit board traces or
vias be placed under this area to prevent unintentional
shorts.
2.00
(0.079)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.40
(0.370)
0.60
(0.024)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com