Electronic Components Datasheet Search
  English  ▼

X  

CPC7595 Datasheet(PDF) 22 Page - Clare, Inc.

Part # CPC7595
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 Datasheet(HTML) 22 Page - Clare, Inc.

Back Button CPC7595 Datasheet HTML 16Page - Clare, Inc. CPC7595 Datasheet HTML 17Page - Clare, Inc. CPC7595 Datasheet HTML 18Page - Clare, Inc. CPC7595 Datasheet HTML 19Page - Clare, Inc. CPC7595 Datasheet HTML 20Page - Clare, Inc. CPC7595 Datasheet HTML 21Page - Clare, Inc. CPC7595 Datasheet HTML 22Page - Clare, Inc. CPC7595 Datasheet HTML 23Page - Clare, Inc. CPC7595 Datasheet HTML 24Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CPC7595
22
www.clare.com
R02
3.1.3 CPC7595M
NOTE: As the metallic pad on the bottom of the DFN
package is connected to the substrate of the die, Clare
recommends that no printed circuit board traces cross
this area to avoid potential shorting issues.
28-Lead DFN Package
Recommended PCB Land Pattern
Dimensions
mm
(inches)
7.0
(0.276)
11.0
(0.433)
7.5±0.05
(0.296±0.002)
5.0±0.05
(0.197±0.002)
0.75
(0.030)
0.33 +0.07,-0.05
(0.013 +0.003, -0.002)
0.55±0.10
(0.022±0.004)
Bottom side
metallic pad
Pin 1
0.90±0.10
(0.036 ±0.004)
0.02 +0.03, -0.02
(0.001 +0.0012, -0.001)
Seating Plane
0.20
(0.008)
Pin 1
6.70
(0.264)
0.75
(0.03)
0.35
(0.016)
1.05
(0.045)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com