Electronic Components Datasheet Search
  English  ▼

X  

FDA215S Datasheet(PDF) 2 Page - Clare, Inc.

Part # FDA215S
Description  MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FDA215S Datasheet(HTML) 2 Page - Clare, Inc.

  FDA215S Datasheet HTML 1Page - Clare, Inc. FDA215S Datasheet HTML 2Page - Clare, Inc. FDA215S Datasheet HTML 3Page - Clare, Inc. FDA215S Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage
-
V
L
--
10
V
Load Current
-
I
L
--
1
µA
Open Circuit Voltage
I
F=5mA
V
OC
-
5.5
8
V
Short Circuit Current
I
F=5mA
I
SC
1.0
2.5
-
µA
Short Circuit Current
I
F=25mA
I
SC
2.5
3.5
-
µA
Switching Speeds
Turn-on
I
F=5 mA, CLOAD=200pF
T
ON
-
-
5.0
mS
Turn-off
I
F=5 mA, CLOAD=200pF
T
OFF
-
-
5.0
mS
Offstate Clamping Resistance
-
R
CL
-
0.25
3.3
K
Ω
Capacitance Input to Output
-
3
-
pF
Input Characteristics @ 25°C
Control Current
-
I
F
5
-
100
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
-
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
www.clare.com
2
FDA215
Rev. 3.0
Rev. 2.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Min
Typ
Max
Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
100
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Power Dissipation
Total Package Dissipation
-
-
5002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com