Electronic Components Datasheet Search
  English  ▼

X  

LCB716STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCB716STR
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716STR Datasheet(HTML) 1 Page - Clare, Inc.

  LCB716STR Datasheet HTML 1Page - Clare, Inc. LCB716STR Datasheet HTML 2Page - Clare, Inc. LCB716STR Datasheet HTML 3Page - Clare, Inc. LCB716STR Datasheet HTML 4Page - Clare, Inc. LCB716STR Datasheet HTML 5Page - Clare, Inc. LCB716STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-LCB716-R01
1
LCB716
Single Pole OptoMOS® Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
LCB716
6-Pin DIP (50/Tube)
LCB716S
6-Pin Surface Mount (50/Tube)
LCB716STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
60
V
P
Load Current
500
mA
Max On-resistance
2
Ω
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of Normally
Closed (Form B) Devices
LCB716 is a 1-Form-B solid state relay that uses
optically coupled relay technology to provide an
enhanced 3750V
rms isolation barrier between
the input and the output of the relay. The efficient
MOSFET switches use Clare's patented OptoMOS
architecture. The optically coupled output is
controlled by a highly efficient GaAlAs infrared LED.
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (gas, oil, electric and water)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File # E76270
• Small 6-Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel, Surface Mount Version Available
CONTROL
10%
90%
+
TON
TOFF
+
I
LOAD
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - LCB716STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB716STR IXYS-LCB716STR Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
More results

Similar Description - LCB716STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
Dual Single-Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
Dual Single-Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
Single Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
Dual Single Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com