Electronic Components Datasheet Search
  English  ▼

X  

MX879 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MX879
Description  8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX879 Datasheet(HTML) 5 Page - IXYS Corporation

  MX879 Datasheet HTML 1Page - IXYS Corporation MX879 Datasheet HTML 2Page - IXYS Corporation MX879 Datasheet HTML 3Page - IXYS Corporation MX879 Datasheet HTML 4Page - IXYS Corporation MX879 Datasheet HTML 5Page - IXYS Corporation MX879 Datasheet HTML 6Page - IXYS Corporation MX879 Datasheet HTML 7Page - IXYS Corporation MX879 Datasheet HTML 8Page - IXYS Corporation MX879 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MX879
5
06/08/06
Drawing No. 087909
www.claremicronix.com
MX879
IXYS
Pin Description
Pin No.
Pin Name
Description
4, 17
VPWR
High Voltage Supply ( 6V to 60V)
2, 5
-
No Connect
6
VCC
Logic Supply (2.7V to 5.5V)
7
SDO
Serial Data Output
8
IN7
Parallel Input
9
IN6
Parallel Input
10
IN5
Parallel Input
11
IN4
Parallel Input
12
IN3
Parallel Input
13
IN2
Parallel Input
14
IN1
Parallel Input
15
IN0
Parallel Input
16
SCK
Serial Clock
18
SDI
Serial Data Input
19
CS
Chip Select (Active Low)
20
OE
Output Enable
3, 21
GND
Ground
22
OUT0
Parallel Output
23
OUT1
Parallel Output
24
OUT2
Parallel Output
25
OUT3
Parallel Output
26
OUT4
Parallel Output
27
OUT5
Parallel Output
28
OUT6
Parallel Output
1
OUT7
Parallel Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com