Electronic Components Datasheet Search
  English  ▼

X  

MX884 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX884
Description  High-Side Current Monitor With 10-Bit Serial Digital Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX884 Datasheet(HTML) 1 Page - IXYS Corporation

  MX884 Datasheet HTML 1Page - IXYS Corporation MX884 Datasheet HTML 2Page - IXYS Corporation MX884 Datasheet HTML 3Page - IXYS Corporation MX884 Datasheet HTML 4Page - IXYS Corporation MX884 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IXYS
MX884
1
12/20/06
MX884
High-Side Current Monitor
With 10-Bit Serial Digital Output
Features:
• 3-60 V Operating Voltage Range
• Integrated 10-bit ADC
• 3 wire serial interface
• Microcontroller Compatible
• Low Power
• Minimum External Components
• TSOT-23 RoHS Compliant Package
Applications:
• Lighting Management
• Current Shunt Measurement
• Remote Sensing
• Battery Monitoring
• Microprocessor Controlled Power Management
Ordering Information
Part No.
Description
Qty
MX884HTTR 6L TSOT23 Tape & Reel 3,000
General Description
The MX884 targets power management applications
where high noise immunity and low cost are primary
requirements.
Its integrated 10-bit ADC provides
high
resolution,
making
it
ideal
for
current
monitoring systems.
The MX884 enables digital
power management, in which a microcontroller can
readily monitor the current in a system and perform
other control functions in power systems and motion
control products.
The MX884 converts a small voltage developed
across an external “current” sense resistor to a 10-
bit digital output. It features a wide common mode
input supply voltage range of 3V to 60V and easily
interfaces to most microcontrollers. The design is
simple yet cost-effective, requiring very few external
components, making it especially suitable for high
volume applications.
Functional Block Diagram
Typical Application Circuit
(1 Amp full scale)
Preliminary
Drawing No. 088423
www.claremicronix.com


Similar Part No. - MX884

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
MX881R IXYS-MX881R Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
MX881RTR IXYS-MX881RTR Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Clare, Inc.
MX887D CLARE-MX887D Datasheet
271Kb / 6P
關Power Hall-Effect Switch
MX887DHTTR CLARE-MX887DHTTR Datasheet
271Kb / 6P
關Power Hall-Effect Switch
More results

Similar Description - MX884

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1030 ZETEX-ZXCT1030 Datasheet
103Kb / 6P
HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
ZXCT1030 ZETEX-ZXCT1030_07 Datasheet
225Kb / 10P
High-side current monitor with comparator
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153 Datasheet
330Kb / 17P
10-bit Digital Differential Voltage and Current Monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1030 DIODES-ZXCT1030 Datasheet
238Kb / 10P
High-side current monitor with comparator
JUNE 2007
logo
Summit Microelectronics...
SMM153 SUMMIT-SMM153_10 Datasheet
230Kb / 18P
10-bit Digital Differential Voltage and Current Monitor
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1030X8 DIODES-ZXCT1030X8 Datasheet
154Kb / 7P
HIGH-SIDE CURRENT MONITOR WITH COMPARATOR
Rev 1
logo
Unisonic Technologies
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com