Electronic Components Datasheet Search
  English  ▼

X  

MBR1645 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR1645
Description  SWITCHMODE??Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1645 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR1645 Datasheet HTML 1Page - Motorola, Inc MBR1645 Datasheet HTML 2Page - Motorola, Inc MBR1645 Datasheet HTML 3Page - Motorola, Inc MBR1645 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
. . . using the Schottky Barrier principle with a platinum barrier metal. These
state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Low Forward Voltage
• 150°C Operating Junction Temperature
• Guaranteed Reverse Avalanche
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
• Shipped 50 units per plastic tube
• Marking: B1635, B1645
MAXIMUM RATINGS
Rating
Symbol
MBR1635
MBR1645
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
45
Volts
Average Rectified Forward Current (Rated VR)
TC = 125°C
IF(AV)
16
16
Amps
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 125°C
IFRM
32
32
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
150
Amps
Peak Repetitive Reverse Surge Current
(2.0
µs, 1.0 kHz)
IRRM
1.0
1.0
Amp
Operating Junction Temperature
TJ
*65 to +150
*65 to +150
°C
Storage Temperature
Tstg
*65 to +175
*65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
1000
10000
V/
µs
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Case
R
θJC
1.5
1.5
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1)
(iF = 16 Amps, TC = 125°C)
(iF = 16 Amps, TC = 25°C)
vF
0.57
0.63
0.57
0.63
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40
0.2
40
0.2
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBR1635/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3
1, 4
MBR1635
MBR1645
SCHOTTKY BARRIER
RECTIFIERS
16 AMPERES
35 and 45 VOLTS
CASE 221B–03
TO–220AC
MBR1645 is a
Motorola Preferred Device
1
3
4
Rev 1


Similar Part No. - MBR1645

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1645 FAIRCHILD-MBR1645 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1645 DIODES-MBR1645 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1645 MCC-MBR1645 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1645 GOOD-ARK-MBR1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1645 DIODES-MBR1645 Datasheet
79Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
More results

Similar Description - MBR1645

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
SWITCHMODE POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR10100MFS ONSEMI-MBR10100MFS Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com