Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232ECPW Datasheet(PDF) 2 Page - Texas Instruments

Part # TRSF3232ECPW
Description  3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ECPW Datasheet(HTML) 2 Page - Texas Instruments

  TRSF3232ECPW Datasheet HTML 1Page - Texas Instruments TRSF3232ECPW Datasheet HTML 2Page - Texas Instruments TRSF3232ECPW Datasheet HTML 3Page - Texas Instruments TRSF3232ECPW Datasheet HTML 4Page - Texas Instruments TRSF3232ECPW Datasheet HTML 5Page - Texas Instruments TRSF3232ECPW Datasheet HTML 6Page - Texas Instruments TRSF3232ECPW Datasheet HTML 7Page - Texas Instruments TRSF3232ECPW Datasheet HTML 8Page - Texas Instruments TRSF3232ECPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
TRSF3232E
3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS825 – AUGUST 2007
Table 1. 1-Mbit/s RS-232 Parts
SUPPLY
TEMPERATURE
PART
NO. OF
NO. OF
PIN/
ESD
VCC
FEATURE
RANGE
NO.
DRIVERS
RECEIVERS
PACKAGE
(V)
±15-kV Air-Gap Discharge,
16-pin
TRSF3221E
1
1
±8-kV Contact Discharge,
3.3 or 5
Auto-powerdown
SOIC, SSOP,
±15-kV HBM
TSSOP
±15-kV Air-Gap Discharge,
16-pin
TRSF3232E
2
2
±8-kV Contact Discharge,
3.3 or 5
Low pin count
SOIC, SSOP,
±15-kV HBM
TSSOP
±8-kV Air-Gap Discharge,
Auto-powerdown
16-pin
TRS3227
1
1
±8-kV Contact Discharge,
3.3 or 5
plus, ready signal
SSOP
±15-kV HBM
16-pin
TRSF3221
1
1
±15-kV HBM
3.3 or 5
Auto-powerdown
SOIC, SSOP,
TSSOP
Enable,
20-pin
0
°C to 70°C
TRSF3222
2
2
±15-kV HBM
3.3 or 5
powerdown
SOIC, SSOP,
signal
TSSOP
20-pin
Auto-powerdown,
TRSF3223
2
2
±15-kV HBM
3.5 or 5
SOIC, SSOP,
enable signal
TSSOP
16-pin
TRSF3232
2
2
±15-kV HBM
3.3 or 5
Low pin count
SOIC, SSOP,
TSSOP
28-pin
Auto-powerdown
TRSF3238
5
3
±15-kV HBM
3.3 or 5
SOIC, SSOP,
plus
TSSOP
28-pin
TRSF3243
3
5
±15-kV HBM
3.3 or 5
Auto-powerdown
SOIC, SSOP,
TSSOP
±15-kV Air-Gap Discharge,
16-pin
TRSF3221E
1
1
±8-kV Contact Discharge,
3.3 or 5
Auto-powerdown
SOIC, SSOP,
±15-kV HBM
TSSOP
±15-kV Air-Gap Discharge,
16-pin
TRSF3232E
2
2
±8-kV Contact Discharge,
3.3 or 5
Low pin count
SOIC, SSOP,
±15-kV HBM
TSSOP
±8-kV Air-Gap Discharge,
Auto-powerdown
16-pin
TRS3227
1
1
±8-kV Contact Discharge,
3.3 or 5
plus, ready signal
SSOP
±15-kV HBM
16-pin
TRSF3221
1
1
±15-kV HBM
3.3 or 5
Auto-powerdown
SOIC, SSOP,
TSSOP
Enable,
20-pin
–40
°C to 85°C
TRSF3222
2
2
±15-kV HBM
3.3 or 5
powerdown
SOIC, SSOP,
signal
TSSOP
20-pin
Auto-powerdown,
TRSF3223
2
2
±15-kV HBM
3.3 or 5
SOIC, SSOP,
enable signal
TSSOP
16-pin
TRSF3232
2
2
±15-kV HBM
3.3 or 5
Low pin count
SOIC, SSOP,
TSSOP
28-pin
Auto-powerdown
TRSF3238
5
3
±15-kV HBM
3.3 or 5
SOIC, SSOP,
plus
TSSOP
28-pin
TRSF3243
3
5
±15-kV HBM
3.3 or 5
Auto-powerdown
SOIC, SSOP,
TSSOP
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com