Electronic Components Datasheet Search
  English  ▼

X  

ICS951464 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951464 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS951464 Datasheet HTML 6Page - Integrated Device Technology ICS951464 Datasheet HTML 7Page - Integrated Device Technology ICS951464 Datasheet HTML 8Page - Integrated Device Technology ICS951464 Datasheet HTML 9Page - Integrated Device Technology ICS951464 Datasheet HTML 10Page - Integrated Device Technology ICS951464 Datasheet HTML 11Page - Integrated Device Technology ICS951464 Datasheet HTML 12Page - Integrated Device Technology ICS951464 Datasheet HTML 13Page - Integrated Device Technology ICS951464 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
10
SMBus Table: Spread Spectrum Enable and CPU Frequency Select Register
Byte 0
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
FS Source
Latched Input or SMBus
Frequency Select
RW
Latched
Inputs
SMBus
0
Bit 6
-
ATIG SS_EN
ATIG Spread Spectrum Enable
RW
Disable
Enable
0
Bit 5
-
SRC SS_EN
SRC Spread Spectrum Enable
RW
Disable
Enable
0
Bit 4
-
CPU SS_EN
CPU Spread Spectrum Enable
RW
Disable
Enable
0
Bit 3
-
CPU FS3
CPU Freq Select Bit 3
RW
0
Bit 2
-
CPU FS2
CPU Freq Select Bit 2
RW
Latch
Bit 1
-
CPU FS1
CPU Freq Select Bit 1
RW
Latch
Bit 0
-
CPU FS0
CPU Freq Select Bit 0
RW
Latch
Note: Each Spread Spectrum Enable bit is independent from the other.
Bit(6:4) must all set to "1" in order to enable spread for CPU, SRC and ATIG clocks.
SMBus Table: Output Control Register
Byte 1
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
7
48MHz_1
48MHz_1 Output Enable
RW
Disable
Enable
1
Bit 6
6
48MHz_0
48MHz_0 Output Enable
RW
Disable
Enable
1
Bit 5
54
REF2
REF2 Output Enable
RW
Disable
Enable
1
Bit 4
55
REF1
REF1 Output Enable
RW
Disable
Enable
1
Bit 3
56
REF0
REF0 Output Enable
RW
Disable
Enable
1
Bit 2
51
HTTCLK0
HTTCLK0 Output Enable
RW
Disable
Enable
1
Bit 1
44,43
CPUCLK1
CPUCLK1 Output Enable
RW
Disable
Enable
1
Bit 0
48,47
CPUCLK0
CPUCLK0 Output Enable
RW
Disable
Enable
1
SMBus Table: ATIGCLK and CLKREQB# Output Control Register
Byte 2
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
1
Bit 6
1
Bit 5
31,30
ATIGCLK1
ATIGCLK1 Output Enable
RW
Disable
Enable
1
Bit 4
35,34
ATIGCLK0
ATIGCLK0 Output Enable
RW
Disable
Enable
1
Bit 3
20,21
REQBSRC4
CLKREQB# Controls SRC4
RW
Does not
control
Controls
0
Bit 2
0
Bit 1
24,25
REQBSRC2
CLKREQB# Controls SRC2
RW
Does not
control
Controls
0
Bit 0
0
SMBus Table: SRCCLK Output Control Register
Byte 3
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
12,13
SRCCLK7
RW
Disable
Enable
1
Bit 6
16,17
SRCCLK6
RW
Disable
Enable
1
Bit 5
18,19
SRCCLK5
RW
Disable
Enable
1
Bit 4
20,21
SRCCLK4
RW
Disable
Enable
1
Bit 3
1
Bit 2
24,25
SRCCLK2
RW
Disable
Enable
1
Bit 1
1
Bit 0
39,38
SRCCLK0
RW
Disable
Enable
1
See Table 1:
CPU Frequency Selection
Table
Master Output control. Enables
or disables output, regardless of
CLKREQ# inputs.
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com