Electronic Components Datasheet Search
  English  ▼

X  

TOP257LN Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # TOP257LN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP257LN Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button TOP257LN Datasheet HTML 19Page - Power Integrations, Inc. TOP257LN Datasheet HTML 20Page - Power Integrations, Inc. TOP257LN Datasheet HTML 21Page - Power Integrations, Inc. TOP257LN Datasheet HTML 22Page - Power Integrations, Inc. TOP257LN Datasheet HTML 23Page - Power Integrations, Inc. TOP257LN Datasheet HTML 24Page - Power Integrations, Inc. TOP257LN Datasheet HTML 25Page - Power Integrations, Inc. TOP257LN Datasheet HTML 26Page - Power Integrations, Inc. TOP257LN Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Rev. F 01/09
23
TOP252-262
www.powerint.com
A High Efficiency, 20 W continuous – 80 W Peak, Universal
Input Power Supply
The circuit shown in Figure 43 takes advantage of several of
TOPSwitch-HX features to reduce system cost and power
supply size and to improve power supply efficiency while
delivering significant peak power for a short duration. This
design delivers continuous 20 W and peak 80 W at 32 V from
an 90 VAC to 264 VAC input. A nominal efficiency of 82% at full
load is achieved using TOP258MN. The M-package part has an
optimized current limit to enable design of power supplies
capable of delivering high power for a short duration.
Resistor R12 sets the current limit of the part. Resistors R11
and R14 provide line feed forward information that reduces the
current limit with increasing DC bus voltage, thereby maintaining
a constant overload power level with increasing line voltage.
Resistors R1 and R2 implement the line undervoltage and over-
voltage function and also provide feed forward compensation for
reducing line frequency ripple at the output. The overvoltage
feature inhibits TOPSwitch-HX switching during a line surge
extending the high voltage withstand to 700 V without device
damage.
The snubber circuit comprising of VR7, R17, R25, C5 and D2
limits the maximum drain voltage and dissipates energy stored in
the leakage inductance of transformer T1. This clamp
configuration maximizes energy efficiency by preventing C5 from
discharging below the value of VR7 during the lower frequency
operating modes of TOPSwitch-HX. Resistor R25 damps high
frequency ringing for reduced EMI.
A combined output overvoltage and over power protection
circuit is provided via the latching shutdown feature of
TOPSwitch-HX and R20, C9, R22 and VR5. Should the bias
winding output voltage across C13 rise due to output overload
or an open loop fault (opto coupler failure), then VR5 conducts
triggering the latching shutdown. To prevent false triggering
due to short duration overload, a delay is provided by R20, R22
and C9.
To reset the supply following a latching shutdown, the V pin
must fall below the reset threshold. To prevent the long reset
delay associated with the input capacitor discharging, a fast AC
reset circuit is used. The AC input is rectified and filtered by
D13 and C30. While the AC supply is present, Q3 is on and Q1
is off, allowing normal device operation. However when AC is
removed, Q1 pulls down the V pin and resets the latch. The supply
will then return to normal operation when AC is again applied.
Transistor Q2 provides an additional lower UV threshold to the
level programmed via R1, R2 and the V pin. At low input AC
voltage, Q2 turns off, allowing the X pin to float and thereby
disabling switching.
A simple feedback circuit automatically regulates the output
voltage. Zener VR3 sets the output voltage together with the
voltage drop across series resistor R8, which sets the DC gain
of the circuit. Resistors R10 and C28 provide a phase boost to
improve loop bandwidth.
Diodes D6 and D7 are low-loss Schottky rectifiers, and
capacitor C20 is the output filter capacitor. Inductor L3 is a
common mode choke to limit radiated EMI when long output
cables are used and the output return is connected to safety
earth ground. Example applications where this occurs include
PC peripherals, such as inkjet printers.
C8
1 nF
250 VAC
D6-D7
C9
1 F
100 V
R17
1k
0.5 W
VR7
BZY97C150
150 V
T1
D2
FR107
D13
1N4007
F1
3.15 A
C30
100 nF
400 V
Q3
2N3904
R23
1M
C1
220 nF
275 VAC
90 - 264
VAC
R24
1M
L1
5.3 mH
68 k
D10
1N4007
C3
120 F
400 V
R11
3.6 M
D8
1N4007
RT1
10
R1
2M
R14
3.6 M
D9
1N4007
Q2
2N3904
R18
39 k
Q1
2N3904
R2
2M
R3
2M
R15
1k
R21
1M
0.125 W
R4
2M
R26
C
S
D
V
X
R22
2 M
C6
100 nF
50 V
U4
TOP258MN
C7
47 F
16 V
VR5
1N5250B
20 V
R25
C5
10 nF
1kV
R6
6.8
C10
1nF
250 VAC
EF25
R20
130 k
D5
LL4148
C13
10 F
50 V
U2A
PC817D
R9
2k
R8
1.5 k
R10
56
VR3
1N5255B
28 V
C28
330 nF
50 V
R19
68
0.5 W
STPS3150
C26
100 pF
1 kV
L3
47 H
L2
3.3 H
C31
22 F
50 V
C20
330 F
50 V
R12
7.5 k
1%
D11
1N4007
100
CONTROL
C29
220 nF
50 V
t
o
32 V
625 mA, 2.5 A
PK
RTN
PI-4833-092007
1
9
10
5
2
3
4
NC
TOPSwitch-HX
Figure 43.
20 W Continuous, 80 W Peak, Universal Input Power Supply using TOP258MN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com