Electronic Components Datasheet Search
  English  ▼

X  

ICS853S024 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS853S024
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S024 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS853S024 Datasheet HTML 7Page - Integrated Device Technology ICS853S024 Datasheet HTML 8Page - Integrated Device Technology ICS853S024 Datasheet HTML 9Page - Integrated Device Technology ICS853S024 Datasheet HTML 10Page - Integrated Device Technology ICS853S024 Datasheet HTML 11Page - Integrated Device Technology ICS853S024 Datasheet HTML 12Page - Integrated Device Technology ICS853S024 Datasheet HTML 13Page - Integrated Device Technology ICS853S024 Datasheet HTML 14Page - Integrated Device Technology ICS853S024 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ICS853S024
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
PRELIMINARY
LOW SKEW LVPECL FANOUT BUFFER
11
ICS853S024AY REV. A APRIL 30, 2008
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS853S024.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS853S024 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 200mA = 693mW
•
Power (outputs)MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 24 * 30mW = 720mW
Total Power_MAX (3.465V, with all outputs switching) = 693W + 720mW = 1.413W
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature for HiPerClockS devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming 0 air flow
and a multi-layer board, the appropriate value is 32.5°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 1.413 W * 32.5°C/W = 115.9°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type
of board (single layer or multi-layer).
Table 5. Thermal Resistance θJA for 64 Lead TQFP, EPad, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
32.5°C/W
26.6°C/W
25.1°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com