| Electronic Components Datasheet Search |
|
ICS1893BKI Datasheet(PDF) 74 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS1893BKI Datasheet(HTML) 74 Page - Integrated Device Technology |
|
74 / 138 page ![]() ICS1893BF, Rev. E, 8/11/09 August, 2009 74 Chapter 7 Management Register Set ICS1893BF Data Sheet - Release Copyright © 2009, IDT, Inc. All rights reserved. 7.10 Register 8: Auto-Negotiation Next Page Link Partner Ability Register Table 7-15 lists the bits for the Auto-Negotiation Next Page Link Partner Ability Register, which establishes the contents of the Next Page Link Control Word that is transmitted during Next Page Operations. This table is compliant with the ISO/IEC specification. Note: For an explanation of acronyms used in Table 7-15, see Chapter 1, “Abbreviations and Acronyms”. † As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value to all Reserved bits. Table 7-15. Auto-Negotiation Next Page Link Partner Ability Register (register 8 [0x08]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 8.15 Next Page Last Page Additional Pages follow RO – 0 0 8.14 IEEE reserved Always 0 N/A RO – 0† 8.13 Message Page Unformatted Page Message Page RO – 0 8.12 Acknowledge 2 Cannot comply with Message Can comply with Message RO – 0 8.11 Toggle Previous Link Code Word was zero Previous Link Code Word was one RO – 0 0 8.10 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.9 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.8 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.7 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 0 8.6 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.5 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.4 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.3 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 0 8.2 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.1 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 8.0 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RO – 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |