Electronic Components Datasheet Search
  English  ▼

X  

ICS1893BKILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS1893BKILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893BKILF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS1893BKILF Datasheet HTML 1Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 2Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 3Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 4Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 5Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 6Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 7Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 8Page - Integrated Device Technology ICS1893BKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
Table of Contents
ICS1893BF, Rev. E, 8/11/09
August, 2009
5
ICS1893BF Data Sheet Rev. E - Release
Copyright © 2009, IDT, Inc.
All rights reserved.
Table of Contents
Section
Title
Page
7.5
Register 3: PHY Identifier Register ........................................................................63
7.5.1
OUI bits 19-24 (bits 3.15:10) ..................................................................................63
7.5.2
Manufacturer's Model Number (bits 3.9:4) .............................................................63
7.5.3
Revision Number (bits 3.3:0) .................................................................................63
7.6
Register 4: Auto-Negotiation Register ...................................................................65
7.6.1
Next Page (bit 4.15) ...............................................................................................65
7.6.2
IEEE Reserved Bit (bit 4.14) ..................................................................................66
7.6.3
Remote Fault (bit 4.13) ..........................................................................................66
7.6.4
IEEE Reserved Bits (bits 4.12:10) .........................................................................66
7.6.5
Technology Ability Field (bits 4.9:5) .......................................................................67
7.6.6
Selector Field (Bits 4.4:0) .......................................................................................67
7.7
Register 5: Auto-Negotiation Link Partner Ability Register ....................................68
7.7.1
Next Page (bit 5.15) ...............................................................................................68
7.7.2
Acknowledge (bit 5.14) ..........................................................................................69
7.7.3
Remote Fault (bit 5.13) ..........................................................................................69
7.7.4
Technology Ability Field (bits 5.12:5) .....................................................................69
7.7.5
Selector Field (bits 5.4:0) .......................................................................................69
7.8
Register 6: Auto-Negotiation Expansion Register ..................................................70
7.8.1
IEEE Reserved Bits (bits 6.15:5) ...........................................................................70
7.8.2
Parallel Detection Fault (bit 6.4) .............................................................................71
7.8.3
Link Partner Next Page Able (bit 6.3) ....................................................................71
7.8.4
Next Page Able (bit 6.2) .........................................................................................71
7.8.5
Page Received (bit 6.1) .........................................................................................71
7.8.6
Link Partner Auto-Negotiation Able (bit 6.0) ..........................................................71
7.9
Register 7: Auto-Negotiation Next Page Transmit Register ...................................72
7.9.1
Next Page (bit 7.15) ...............................................................................................73
7.9.2
IEEE Reserved Bit (bit 7.14) ..................................................................................73
7.9.3
Message Page (bit 7.13) ........................................................................................73
7.9.4
Acknowledge 2 (bit 7.12) .......................................................................................73
7.9.5
Toggle (bit 7.11) .....................................................................................................73
7.9.6
Message Code Field / Unformatted Code Field (bits 7.10:0) .................................73
7.10
Register 8: Auto-Negotiation Next Page Link Partner Ability Register ...................74
7.10.1
Next Page (bit 8.15) ...............................................................................................75
7.10.2
IEEE Reserved Bit (bit 8.14) ..................................................................................75
7.10.3
Message Page (bit 8.13) ........................................................................................75
7.10.4
Acknowledge 2 (bit 8.12) .......................................................................................75
7.10.5
Message Code Field / Unformatted Code Field (bits 8.10:0) .................................75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com