Electronic Components Datasheet Search
  English  ▼

X  

ICS2305 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS2305
Description  3.3 VOLT ZERO DELAY LOW SKEW BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2305 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS2305 Datasheet HTML 1Page - Integrated Device Technology ICS2305 Datasheet HTML 2Page - Integrated Device Technology ICS2305 Datasheet HTML 3Page - Integrated Device Technology ICS2305 Datasheet HTML 4Page - Integrated Device Technology ICS2305 Datasheet HTML 5Page - Integrated Device Technology ICS2305 Datasheet HTML 6Page - Integrated Device Technology ICS2305 Datasheet HTML 7Page - Integrated Device Technology ICS2305 Datasheet HTML 8Page - Integrated Device Technology ICS2305 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS2305
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ 3.3 VOLT ZERO DELAY LOW SKEW BUFFER
5
ICS2305
REV E 081709
ICS2305M-1H, VDD=3.3 V ±10%, Ambient temperature -40 to +85
° C(Industrial), (0-70° C Commercial),
Note 3: With VDD at a steady rate and valid input at CLKIN
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Frequency
fIN
10 pF load
10
133
MHz
Output Clock Frequency
30 pF load
10
100
MHz
Output Rise Time
tOR
0.8 to 2.0 V, outputs loaded
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, outputs loaded
1.5
ns
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=66.67
MHz
40
50
60
%
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=50 MHz
45
50
55
%
Device to Device Skew
rising edges at VDD/2
700
ps
Output to Output Skew
rising edges at VDD/2
250
ps
Input to Output Skew
rising edges at VDD/2
±350
ps
Cycle to Cycle Jitter
measured at 66.67M, outputs
loaded
200
ps
PLL Lock Time
Note 3
1.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
120
° C/W
θJA
1 m/s air flow
115
° C/W
θJA
3 m/s air flow
105
° C/W
Thermal Resistance Junction to Case
θJC
58
° C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com