Electronic Components Datasheet Search
  English  ▼

X  

MBR2035CT Datasheet(PDF) 4 Page - Motorola, Inc

Part # MBR2035CT
Description  SWITCHMODE?? Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2035CT Datasheet(HTML) 4 Page - Motorola, Inc

  MBR2035CT Datasheet HTML 1Page - Motorola, Inc MBR2035CT Datasheet HTML 2Page - Motorola, Inc MBR2035CT Datasheet HTML 3Page - Motorola, Inc MBR2035CT Datasheet HTML 4Page - Motorola, Inc MBR2035CT Datasheet HTML 5Page - Motorola, Inc MBR2035CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBR2035CT MBR2045CT
4
Rectifier Device Data
HIGH FREQUENCY OPERATION
Since current flow in a Schottky rectifier is the result of majority
carrier conduction, it is not subject to junction diode forward and
reverse recovery transients due to minority carrier injection and
stored charge. Satisfactory circuit analysis work may be performed
by using a model consisting of an ideal diode in parallel with a
variable capacitance. (See Figure 10.)
Rectification efficiency measurements show that operation will
be satisfactory up to several megahertz. For example, relative
waveform rectification efficiency is approximately 70 percent at
2.0 MHz, e.g., the ratio of dc power to RMS power in the load is
0.28 at this frequency, whereas perfect rectification would yield
0.406 for sine wave inputs. However, in contrast to ordinary
junction diodes, the loss in waveform efficiency is not indicative of
power loss; it is simply a result of reverse current flow through the
diode capacitance, which lowers the dc output voltage.
2.0
µs
1.0 kHz
12 V
100
VCC
12 Vdc
2N2222
CURRENT
AMPLITUDE
ADJUST
0–10 AMPS
100
CARBON
2N6277
1.0 CARBON
1N5817
D.U.T.
2.0 k
Ω
+150 V, 10 mAdc
4.0
µF
+
VR, REVERSE VOLTAGE (VOLTS)
0.5
1500
1000
500
300
150
0.1
0.05
50
700
Figure 10. Capacitance
0.2
2.0
1.0
5.0
200
MAXIMUM
TYPICAL
10
20
Figure 11. Test Circuit for dv/dt and
Reverse Surge Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com